Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC860DPZQ66D4 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC860DPZQ66D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860DPZQ66D4 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC860DPZQ66D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC860DPZQ66D4 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
74
Freescale Semiconductor
Mechanical Data and Ordering Information
14.2
Mechanical Dimensions of the PBGA Package
Figure 77 shows the mechanical dimensions of the ZP PBGA package.
Figure 77. Mechanical Dimensions and Bottom Surface Nomenclature of the ZP PBGA Package
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SIDE VIEW
BOTTOM VIEW
18X
4X
357X
b
TOP VIEW
A2
A3
e
0.3 M C
D
A
A1
D2
0.15 M
C
E
E2
0.2 C
A
B
0.2
D1
E1
AB
0.25 C
0.35 C
C
NOTE
1.
Dimensions and tolerance per ASME Y14.5M, 1994.
2.
Dimensions in millimeters.
3.
Dimension b is the maximum solder ball diameter measured parallel
to data C.
DIM
MIN
MAX
MILLIMETERS
A
---
2.05
0.50
0.70
A2
0.95
1.35
A3
0.70
0.90
b
0.60
0.90
D
25.00 BSC
D1
22.86 BSC
D2
22.40
22.60
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
22.40
22.60
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com