Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FFV3 Datasheet(PDF) 3 Page - AVX Corporation

Part # FFV3
Description  Medium Power Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV3 Datasheet(HTML) 3 Page - AVX Corporation

  FFV3 Datasheet HTML 1Page - AVX Corporation FFV3 Datasheet HTML 2Page - AVX Corporation FFV3 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12
Capacitance
Irms max.
(I2t)10 shots
(I2t)1000 shots
Rs
Rth
Part Number
(µF)
(A)
(A2s)
(A2s)
(m )
(°C/W)
Vndc = 500 V
Vrms = 105 v max
20
27
3200
320
5.88
3.53
FFV36J0206K--
25
33
5000
500
4.72
3.14
FFV36J0256K--
Vndc = 700 V
Vrms = 120 v max
14
21
2000
200
7.34
3.73
FFV36A0146K--
20
30
4200
420
5.15
3.05
FFV36A0206K--
Vndc = 900 V
Vrms = 150 v max
10
19
1600
160
8.21
3.37
FFV36C0106K--
13
25
2800
280
6.33
2.91
FFV36C0136K--
Vndc = 1100 V
Vrms = 180 v max
6
13
800
80
11.4
3.71
FFV36L0605K--
9
20
1900
190
7.61
2.92
FFV36L0905K--
Medium Power Film Capacitors
FFV3 DC for Medium and High Voltage Applications
Capacitance range Cn
6µF to 25µF
Tolerance on Cn
±10%
Rated DC voltage Vndc
500 to 1100 V
Dielectric
polypropylene
ELECTRICAL CHARACTERISTICS
50
°C
60
°C
70
°C
80
°C
85
°C
95
°C
105
°C
1.9
1.2
1.1
0.7
1.0
0.8
100
1000
10000
Lifetime Expectancy (hours)
100000
LIFETIME EXPECTANCY vs Vw/Vn AND HOT SPOT TEMPERATURE
DC FILTERING
POLYPROPYLENE DIELECTRIC
HOT SPOT CALCULATION
θhot spot = θambient + (Pd + Pt) x (Rth + 7.4)
θhot spot = θcase + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
⇒ [1⁄2 x Cn x (Vpeak to peak)2 x f ] x (2 x 10-4)
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
V in Volt
Rs in Ohm
θ in °C
Rth in °C/W
Rth : Rth case/hot spot in °C/W
Vw = Permanent working or operating DC voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com