Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD57060
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060 Datasheet(HTML) 5 Page - STMicroelectronics

  PD57060 Datasheet HTML 1Page - STMicroelectronics PD57060 Datasheet HTML 2Page - STMicroelectronics PD57060 Datasheet HTML 3Page - STMicroelectronics PD57060 Datasheet HTML 4Page - STMicroelectronics PD57060 Datasheet HTML 5Page - STMicroelectronics PD57060 Datasheet HTML 6Page - STMicroelectronics PD57060 Datasheet HTML 7Page - STMicroelectronics PD57060 Datasheet HTML 8Page - STMicroelectronics PD57060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
PD57060 - PD57060S
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
L1,L2
INDUCTOR, 5 TURNS AIR WOUND #22AWG, ID 0.059{1.49}, NYLON COATED
MAGNET WIRE
FB1,FB2
SHIELD BEAD SURFACE MOUNT EMI
R1
18 k
Ω, 1 W SURFACE MOUNT CHIP RESISTOR
R2
4.7 M
Ω, 1 W SURFACE MOUNT CHIP RESISTOR
R3
120
Ω, 2 W SURFACE MOUNT CHIP RESISTOR
C1,C2
3 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3,C10,C11,C15
47 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C4,C9
0.8-8.0 pF GIGA TRIM VARIABLE CAPACITOR
C5,C6,C7,C8
7.5 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C12
1000 pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C13,C17
0.1
µF, 500 V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C14
10
µF, 50 V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C16
100 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C18
220
µF, 63 V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
BOARD
ROGER, ULTRA LAM 2000, THK 0.030”,
εr = 2.55 2oz. ED Cu 2 SIDES.
V
IN
RF
G
G +
+
OUT
RF
+
D
+
D
V
NOTES:
1. DIMENSIONS AT COMPONENT SYMBOLS ARE REFERENCE FOR COMPONENT PLACEMENT.
2. GAP BETWEEN GROUND & TRANSMISSION LINE = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] TYP.
3. DIMENSIONS OF INPUT AND OUTPUT COMPONENT FROM EDGE OF TRANSMISSION LINES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com