Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1539-BTSU Datasheet(PDF) 4 Page - ams AG

Part # AS1539-BTSU
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539-BTSU Datasheet(HTML) 4 Page - ams AG

  AS1539-BTSU Datasheet HTML 1Page - ams AG AS1539-BTSU Datasheet HTML 2Page - ams AG AS1539-BTSU Datasheet HTML 3Page - ams AG AS1539-BTSU Datasheet HTML 4Page - ams AG AS1539-BTSU Datasheet HTML 5Page - ams AG AS1539-BTSU Datasheet HTML 6Page - ams AG AS1539-BTSU Datasheet HTML 7Page - ams AG AS1539-BTSU Datasheet HTML 8Page - ams AG AS1539-BTSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 20
AS1539/AS1541
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
Electrical Characteristics
+VDD = +2.7 to +5.25V, VREF = +2.5V external, SCL = 3.4MHz, TAMB = -40 to +85ºC (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Analog Input
Fullscale Input Span
Positive input, negative input
0
VREF
V
Absolute Input Range
Positive input
-0.3
+VDD
+ 0.3
V
Negative Input
-0.3
+VDD
+ 0.3
V
Capacitance
Track Mode
15
pF
Hold Mode
8
ILEAK
Leakage Current
±0.1
±1
µA
Static Performance
No Missing Codes
10
Bits
Integral Linearity Error
VREF = 2.5V, 1 LSB = 610µV
±0.2
±0.375
LSB
Differential Linearity Error
±0.125 ±0.25
LSB
Offset Error
±0.125
±1.5
LSB
Offset Error Match
1
±0.025
±.5
LSB
Gain Error
±0.25
±1.5
LSB
Gain Error Match
1
±0.025
±0.5
LSB
Power Supply Rejection
1
mV
Dynamic Performance
Throughput Frequency
50
kHz
Conversion Time
6.67
µs
AC Accuracy
THD
Total Harmonic Distortion
2
VIN = 2.5VP-P @ 10kHz
-70
dB
Signal-to-Noise Ratio
VIN = 2.5VP-P @ 10kHz
61.5
dB
Signal-to-Noise (+ Distortion)
Ratio
VIN = 2.5VP-P @ 10kHz
61.5
dB
Spurious-Free Dynamic Range
VIN = 2.5VP-P @ 10kHz
70
dB
Voltage Reference Output
Range
2.475
2.5
2.525
V
Internal Reference Drift
30
ppm/ºC
Output Impedance
30
Ω
Quiescent Current
440
µA
Voltage Reference Input
Range
1
VDD
V
Input Resistance
1
G
Ω
Reference Input Current
PD = 01 Internal Ref. OFF, ADC ON
@ 50kSPS
4µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com