Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A22NZ-RMA-NAA Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # A22NZ-RMA-NAA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMA-NAA Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button A22NZ-RMA-NAA Datasheet HTML 20Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 21Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 22Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 23Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 24Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 25Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 26Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 27Page - Omron Electronics LLC A22NZ-RMA-NAA Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
A22NN/A22NL
24
Application
Mounting to the Panel
Panel Hole Dimensions
• Panel hole dimensions are given below.
• The recommended panel thicknesses are given below.
• If outer surface treatment such as coating is performed for the
panel, the panel dimensions after outer surface treatment must
meet the specified panel dimensions.
• The following figure gives pitch dimension A and pitch dimension
B between the centers of the mounting holes.
Dimension A
Note:
The minimum mounting pitch is based on three Contact Blocks
in stage 1 with one wire attached to each terminal.
If you attach two wires or link Units, determine the mounting
pitch based on the dimensions diagrams and ease of operation
and wiring.
Dimension A When Using Accessory
• Dimension A is 50 mm minimum when a Standard Legend Plate
Frame is attached.
• Dimension A is 51 mm minimum when a Large Legend Plate
Frame is attached.
• Dimension A is 75 mm minimum when a Protective Cover is
attached.
Dimension B
Mounting the Operation Unit
• Panel Hole of 22.3-mm Diameter
Insert the Operation Unit from the front of the panel, insert the Lock
Ring and Mounting Nut from the back of the panel, and tighten the
Mounting Nut. Before tightening, check that the rubber washer is
present between the Operation Unit and the panel.
• Panel Hole of 25.5-mm Diameter
Do not use the Lock Ring, and tighten the Mounting Nut while
confirming that the projecting part (see following figure) on the
Mounting Nut is aligned with mounting hole. Before tightening,
check that the rubber washer is present between the Operation
Unit and the panel.
• Align the Lock Ring with the slot on the case and insert it so that
the edge is flush with the panel.
Mounting the Contact Block to the Operation Unit
• Insert the Operation Unit into the Mounting Collar, aligning the TOP
mark inscribed on the Operation Unit with the lever on the
Mounting Collar, and then turn the lever in the direction indicated
by the arrow in the following figure all of the way until it clicks into
place.
Panel hole dimension
Panel thickness
22.3 dia.
0.8 to 5 mm
25.5 dia.
0.8 to 6 mm
Wire type
Number of
linked Con-
tact Blocks
Number of
wires per ter-
minal
Minimum al-
lowable pitch
Dimension A
(mm) or larger
Leads (twisted wires
or solid wire)
11
50
Bare crimp terminals
1
1
50
Crimp terminals with
insulating sheathes
11
60
Dimension A
22.3
dia.
+0.4
0
3.2
Using the Lock Ring
Standard Switch
22.3
dia.
+0.4
0
22.3
dia.
+0.4
0
+0.2
0
24.1
dia.
+0.4
0
Dimension B
R: 0.8 max.
Panel Hole Dimensions for 22.3 Diameter
Panel Hole Dimensions for 25.5 Diameter
25.5
dia.
+0.5
0
Operation Unit shape
Dimension B
Mushroom
40 mm min.
Other than the above
30 mm min.
Lock Ring
Rubber washer
Mounting Nut
22.3 dia.
Mounting Nut
Projecting part
25.5 dia.
Rubber washer
TOP mark
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com