Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS557-05A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS557-05A
Description  QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-05A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS557-05A Datasheet HTML 5Page - Renesas Technology Corp ICS557-05A Datasheet HTML 6Page - Renesas Technology Corp ICS557-05A Datasheet HTML 7Page - Renesas Technology Corp ICS557-05A Datasheet HTML 8Page - Renesas Technology Corp ICS557-05A Datasheet HTML 9Page - Renesas Technology Corp ICS557-05A Datasheet HTML 10Page - Renesas Technology Corp ICS557-05A Datasheet HTML 11Page - Renesas Technology Corp ICS557-05A Datasheet HTML 12Page - Renesas Technology Corp ICS557-05A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE SSCG
IDT®
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
10
ICS557-05A
REV O 112111
AC Electrical Characteristics - CLKOUT, LVDS
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
° C
1 Test setup is R
L=50 ohms with 2 pF, Rr = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLKOUT and CLKOUT are equal.
5 CLKOUT pins are tri-stated when OE is asserted low. CLKOUT is driven differential when OE is high unless its PD= low.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
LVDS termination
100
MHz
Differential Output Voltage
VOD
247
454
mV
Offset Voltage
VOS
1.125
1.375
V
∆V
OD
|Change to V
OD|
50
mV
∆V
OS
|Change to V
OS|
50
mV
Jitter, Cycle-to-Cycle1,3
80
ps
Modulation Frequency
Spread spectrum
30
31.5
33
kHz
Slew Rate, Rise1,3
tSLR
Measured from ±150 mV from
crossing point voltage
14
V/ns
Slew Rate, Fall1,3
tSLF
Measured from ±150 mV from
crossing point voltage
14
V/ns
Skew between outputs
At crossing point Voltage
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
10
µs
Output Disable Time5
All outputs
10
µs
Power-up Time
tSTABLE
From power-up VDD=3.3 V
3
ms
Spread Change Time
tSPREAD Settling period after spread change
3
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
93
° C/W
θJA
1 m/s air flow
78
° C/W
θJA
3 m/s air flow
65
° C/W
Thermal Resistance Junction to Case
θJC
20
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com