Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9FG104E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9FG104E
Description  FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG104E Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9FG104E Datasheet HTML 1Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 2Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 3Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 4Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 5Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 6Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 7Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 8Page - Renesas Technology Corp ICS9FG104E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS9FG104E
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
IDT®
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
4
ICS9FG104E
REV D 102912
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS9FG104E. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any
other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–REF-14.318/25 MHz
Electrical Characteristics–Differential Phase Jitter Parameters
Symbol
Parameter
Min
Max
Units
VDDxx
3.3V Supply Voltage
4.6
V
Ts
Storage Temperature
-65
150
°C
Tambient Ambient Operating Temp•(Commerical Grade)
0+70
°C
Tambient
Ambient Operating Temp•(Industrial Grade)
-40
+85
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection•human body model
2000
V
TA = TAM BIENT; VDD = 3.3 V +/-5%;RS=33Ω, CL = 5 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.4
2.5
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.4
2.5
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
53
55
%
1
Jitter
tjcyc-cycCOM
VT = 1.5 V (commercial)
87
200
ps
1
Jitter
tjcyc-cycIND
VT = 1.5 V (industrial)
87
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Trim capacitors must be used to tune the REF to the exact Crystal Frequency.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
tjphasePLL
PCIe Gen 1
25
86
ps (p-p)
1,2
tjphaseLo
PCIe Gen 1/2
10kHz < f < 1.5MHz
0.8
3
ps
(RMS)
1,2
tjphaseHigh
PCIe Gen 1/2
1.5MHz < f < Nyquist (50MHz)
1.8
3.1
ps
(RMS)
1,2
tjphQPI
QPI 133MHz 4.8G/6.4Gb,12UI
0.2
0.5
ps
(RMS)
1,3
tjphFBD3.2G
FBD specs
(11 to 33MHz)
1.4
3
ps
(RMS)
1
tjphFBD4.8G
FBD specs
(11 to 33MHz)
1.1
2.5
ps
(RMS)
1
1Guaranteed by design and characterization, not 100% tested in production.
2See http://www.pcisig.com for compelte specs
3First number is 4.8G link speed, second number is 6.4G link speed. From Intel Clock Jit tool
Jitter, Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com