Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD211R Datasheet(PDF) 7 Page - STMicroelectronics

Part # PSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PSD211R Datasheet HTML 3Page - STMicroelectronics PSD211R Datasheet HTML 4Page - STMicroelectronics PSD211R Datasheet HTML 5Page - STMicroelectronics PSD211R Datasheet HTML 6Page - STMicroelectronics PSD211R Datasheet HTML 7Page - STMicroelectronics PSD211R Datasheet HTML 8Page - STMicroelectronics PSD211R Datasheet HTML 9Page - STMicroelectronics PSD211R Datasheet HTML 10Page - STMicroelectronics PSD211R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
PSD211R Family
4
3.0
Key Features
t Low cost programmable microcontroller peripheral
t 256Kb of UV EPROM with the following features:
Configurable as 32 K x 8
Divided into eight equally-sized mappable blocks for optimized address mapping
As fast as 70 ns access time, which includes address decoding
t 19 I/O pins that can be individually configured for :
Microcontroller I/O port expansion
Programmable Address decoder (PAD) I/O
Latched address output
t Two Programmable Arrays (PAD A and PAD B) replace your discrete PLD or decoder
and have the following features:
Up to 13 Inputs and 24 outputs
36 Product terms (9 for PAD A and 27 for PAD B)
Ability to decode up to 1 MB of address
t Microcontroller logic that eliminates the need for external “glue logic” has the following
features:
Ability to interface to multiplexed buses
Built-in address latches for multiplexed address/data bus
ALE and Reset polarity are programmable (Reset polarity not programmable
on V-versions)
Multiple configurations are possible for interface to many different microcontrollers
t Programmable power management with standby current as low as 1µA
(V versions only)
CMiser bit—programmable option to reduce AC power consumption in memory
Turbo Bit (ZPSD only)—programmable bit to reduce AC and DC power consumption
in the PADs
t Built-in security locks the device and PAD decoding configuration
t Wide Operating Voltage Range
V-versions: 2.7 to 5.5 volts
Others: 4.5 to 5.5 volts
t Available in a variety of packaging (44-pin PLDCC, CLDCC, and PQFP)
t Simple, menu-driven software (PSDsoft) allows configuration and design entry on a PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com