Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMSW1102 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW1102
Description  FMSW1102 DATA SHEET SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW1102 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW1102 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW1102 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW1102 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW1102 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW1102 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-65
-55
-45
-35
-25
-15
-5
5
15
25
35
0.0
1.8
3.6
5.4
7.2
9.0
10.8
12.6
14.4
16.2
18.0
dB
GHz
Isolation
SMA Reflective SPDT GaN High Power PIN Diode Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed from Fairview
Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf from our
ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: SMA Reflective SPDT GaN High Power PIN Diode
Switch from DC to 18 GHz Rated at 10 Watts 50ns Speed FMSW1102
URL: https://www.fairviewmicrowave.com/sma-spdt-pin-diode-switch-18-ghz-10-watts-fmsw1102-p.aspx
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 5
FMSW1102
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com