Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMSW6128 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMSW6128
Description  SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW6128 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW6128 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW6128 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW6128 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW6128 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW6128 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW6128 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-120
-100
-80
-60
-40
-20
0
0
2.2
4.4
6.6
8.8
11
13.2
15.4
17.6
19.8
22
Freq (GHz)
Isolation
PORT 1
PORT 2
PORT 3
PORT 4
SP4T Normally Open Electro-Mechanical Relay Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA from
Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf
from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: SP4T Normally Open Electro-Mechanical Relay
Switch From DC to 22 GHz, 20 Watts with Indicators, TTL, Diodes, SMA FMSW6128
URL: http://www.fairviewmicrowave.com/sp4t-normally-open-electro-mechanical-relay-switch-indicators-ttl-fmsw6128-p.
aspx
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 6
FMSW6128
DATA SHEET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com