Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC0435/50 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # LTC0435/50
Description  Dinion Colour Cameras
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

LTC0435/50 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  LTC0435/50 Datasheet HTML 1Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Code
430-8189
430-8190
430-8207
430-8219
Resolution (TVL)
330
330
480
480
Sensor
1/3 CCD
1/3 CCD
1/3 CCD
1/3 CCD
Lux Level
0.6
0.6
0.9(0.3 NightSense) 0.9(0.3 NightSense)
Shutter Speeds
1/50 to 1/125000 1/50 to 1/125000
1/50 to 1/125000
1/50 to 1/125000
Lens
CS-Mount
CS-Mount
CS-Mount
CS-Mount
Iris
EI/AI
EI/AI
EI/AI
EI/AI
Voltage/Power
10.8 to 39V dc
85 to 265V ac
10.8 to 39V dc
85 to 265V ac
Connector
BNC
BNC
BNC
BNC
Dimensions (HxWxD)
122 x 66 x 58
122 x 66 x 58
122 x 66 x 58
122 x 66 x 58
Supply
Price Each
Voltage
Order Code
Medium Resolution
12V dc/24V ac
430-8189
230V ac
430-8190
High Resolution
12V dc/24V ac
430-8207
230V ac
430-8219
Dinion
 Colour Cameras
Ì 1/3" CCD Professional quality cam-
eras
Ì Ready to use straight from the box
Ì Auto detection of lens type
Ì Lens wizard for easy back focus ad-
justment
Ì Automatic black level feature, to en-
hance images
Ì Advanced digital signal processing
Ì Outstandingly easy to use
Ì Suitable for indoor or outdoor use
Ì Ideal for professional, commercial or industrial surveillance systems
Ì Available in standard and high resolution versions
Ì Nightsense
 enhances the low light sensitivity by a factor of 3 by
switching from colour to monochrome, making it ideal for use
during the day and also at night. ( high resolution camera only )
248384.383134
Lens not supplied


Similar Part No. - LTC0435/50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTC043EEB ETC1-LTC043EEB Datasheet
4Mb / 46P
Pioneer BA49183 RDS MEDIA CENTER RECEIVER
logo
Zhaoxingwei Electronics...
LTC043ZMT2L ZHAOXINGWEI-LTC043ZMT2L Datasheet
406Kb / 2P
Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).
More results

Similar Description - LTC0435/50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
Multistandard colour decoder, with negative colour difference output signals
March 1991
logo
Marl International Limi...
103-305-04 MARL-103-305-04_15 Datasheet
208Kb / 5P
Colour diffused lens
104-505-04 MARL-104-505-04_15 Datasheet
164Kb / 4P
Colour diffused lens
109-305-04 MARL-109-305-04_15 Datasheet
222Kb / 5P
Colour diffused lens
534-501-7512 MARL-534-501-7512_15 Datasheet
382Kb / 5P
Colour diffused lens
611-301-21 MARL-611-301-21_15 Datasheet
450Kb / 5P
Colour diffused lens
643-503-0412 MARL-643-503-0412_15 Datasheet
401Kb / 4P
Colour diffused lens
logo
Toshiba Semiconductor
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
TOSHIBA COLOUR TELEVISION
1990
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
COLOUR TELEVISION
2000
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
COLOUR TELEVISION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com