Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD913F1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 49Page - STMicroelectronics PSD913F1 Datasheet HTML 50Page - STMicroelectronics PSD913F1 Datasheet HTML 51Page - STMicroelectronics PSD913F1 Datasheet HTML 52Page - STMicroelectronics PSD913F1 Datasheet HTML 53Page - STMicroelectronics PSD913F1 Datasheet HTML 54Page - STMicroelectronics PSD913F1 Datasheet HTML 55Page - STMicroelectronics PSD913F1 Datasheet HTML 56Page - STMicroelectronics PSD913F1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
Preliminary Information
PSD9XX Family
49
9.4.5 Ports A and B – Functionality and Structure
Ports A and B have similar functionality and structure, as shown in Figure 20. The two
ports can be configured to perform one or more of the following functions:
t MCU I/O Mode
t GPLD Output – Combinatorial PLD outputs can be connected to Port A or Port B.
t PLD Input
– Input to the PLDs.
t Latched Address output – Provide latched address output per Table 30.
t Address In – Additional high address inputs, may be latched by ALE.
t Open Drain/Slew Rate – pins PA[3:0] and PB[3:0] can be configured to fast slew rate,
pins PA[7:4] and PB[7:4] can be configured to Open Drain
Mode.
t Data Port – Port A only, connect to non-multiplexed 8-bit data bus.
The
PSD9XX
Functional
Blocks
(cont.)
9.4.4 Port Data Registers
The Port Data Registers, shown in Table 28, are used by the microcontroller to write data
to or read data from the ports. Table 28 shows the register name, the ports having each
register type, and microcontroller access for each register type. The registers are
described below.
9.4.4.1 Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input
is read through the Data In buffer.
9.4.4.2 Data Out Register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
Register are driven out to the pins if the Direction Register or the output enable
product term is set to “1”. The contents of the register can also be read back by the
microcontroller.
Register Name
Port
MCU Access
Data In
A,B,C,D
Read – input on pin
Data Out
A,B,C,D
Write/Read
Table 28. Port Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com