Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

31102R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31102R
Description  RJ11 Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31102R Datasheet(HTML) 1 Page - Pro-Signal

  31102R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/03/13
RJ11 Connector
Specifications:
Connector Type
: RJ11
Cable Assembly Type
: Telephone
Colour
: Transparent
Connector Type A
: RJ11 Connector
Connector Type B
: RJ11 Connector
Operating Temperature
:-40°C to +125°C
Material
Housing
: Polycarbonate
Contacts
: Phosphor bronze, selective gold plated in contact
area at over 100 micron nickel plated
Shield
: Nickel plated brass
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Connector, RJ11 Pack of 10
31102R
Dimensions : Millimetres


Similar Part No. - 31102R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
3110208450 SCHNEIDER-3110208450 Datasheet
62Kb / 1P
NEMA Fusible Disconnect Switch Combination Starters
Feb 2, 2023
logo
Qualtek Electronics Cor...
311022-01 QUALTEK-311022-01 Datasheet
183Kb / 1P
POWER CORD
311024-01 QUALTEK-311024-01 Datasheet
178Kb / 1P
POWER CORD
logo
Littelfuse
311025 BP LITTELFUSE-311025 BP Datasheet
74Kb / 1P
3AG Normal-Blo Fuse
logo
Delta Electronics, Inc.
3110262800 DELTA-3110262800 Datasheet
1Mb / 10P
THIS SPECIFICATION DEFINES MECHANICAL CHARACTERISTICS OF THE HEATSINK
More results

Similar Description - 31102R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6323 POMONA-6323 Datasheet
24Kb / 1P
Bantam Plug (Miniature Phone Plug) To RJ11
7289 POMONA-7289 Datasheet
81Kb / 1P
XLR (F) / Triple Binding Post / RJ11
logo
Richco, Inc.
CP-RJ11 RICHCO-CP-RJ11 Datasheet
212Kb / 1P
Introducing the CP-RJ, RJ45/RJ11 Connector Plug
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
RJ11 Fax/Modem (FXO)
logo
List of Unclassifed Man...
PA1344 ETC2-PA1344 Datasheet
151Kb / 1P
RJ11 DEC-MMJ 1300 Series Crimper
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
Modular jacks available in RJ45 & RJ11 styles
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
RJ11 Modular Plug - 4P4C
logo
Extech Instruments Corp...
TG20 EXTECH-TG20 Datasheet
246Kb / 1P
Transmitter with output cables terminated in modular RJ11 phone connector
logo
Wurth Elektronik GmbH &...
615004141121 WURTH-615004141121 Datasheet
461Kb / 2P
RJ11 6P4C HORIZONTAL TAB DOWN
logo
Electronic Components L...
CP30223 CLIFF-CP30223 Datasheet
234Kb / 1P
CAT3 RJ11 6P4C FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com