Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JR8099N/15M Datasheet(PDF) 1 Page - Pro-Signal

Part # JR8099N/15M
Description  Two Phono Plugs to Two Phono Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR8099N/15M Datasheet(HTML) 1 Page - Pro-Signal

  JR8099N/15M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Two Phono Plugs to Two Phono Plugs
246427
Price Each
Length
Order Code
1m
371-2461
1.5m
371-2163
2m
371-2473
3m
371-1950
5m
371-1961
7m
371-2485
10m
371-1316
15m
425-8538
20m
425-8540
25m
425-8551


Similar Part No. - JR8099N/15M

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
JR8007-3M PROSIGNAL-JR8007-3M Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
JR8013-10M PROSIGNAL-JR8013-10M Datasheet
23Kb / 1P
Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
JR8013SG PROSIGNAL-JR8013SG Datasheet
81Kb / 1P
3.5mm Stereo Plug To 3.5mm Stereo Plug
11-04-2014
JR8013SG/3.0MM/BK PROSIGNAL-JR8013SG/3.0MM/BK Datasheet
81Kb / 1P
3.5mm Stereo Plug To 3.5mm Stereo Plug
11-04-2014
JR8015-1M PROSIGNAL-JR8015-1M Datasheet
153Kb / 1P
Jack Plug to Plug Lead
V1.0 21/01/21
More results

Similar Description - JR8099N/15M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4054 POMONA-4054 Datasheet
22Kb / 1P
Adapter - Phono Jack to BNC Male
5319 POMONA-5319 Datasheet
18Kb / 1P
Adapter - BNC Female To Phono Plug
6316 POMONA-6316 Datasheet
35Kb / 1P
Two WE-310 Plugs To RJ45 / RJ48
6320 POMONA-6320 Datasheet
35Kb / 1P
Two Bantam Plugs To RJ45 / RJ48
logo
Switchcraft, Inc.
332A SWITCH-332A Datasheet
70Kb / 1P
PHONO JAX TO MICROPHONE CONNECTOR
3503X SWITCH-3503X Datasheet
260Kb / 1P
PHONO EXTENSION JAX, RoHS
logo
Pomona Electronics
MODEL4054 POMONA-MODEL4054 Datasheet
22Kb / 1P
Adapter ??Phono Jack to BNC Male
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
logo
Electronic Components L...
CP30232 CLIFF-CP30232 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com