Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APFLY6 Datasheet(PDF) 1 Page - Pro-Signal

Part # APFLY6
Description  Lead - Coaxial TV P-S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

APFLY6 Datasheet(HTML) 1 Page - Pro-Signal

  APFLY6 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
24/09/12
Lead - Coaxial TV P-S
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, Coax TV P-S, White, 4M
APFLY6
Specifications:
Connector Type A
: TV Coaxial Plug
Connector Type B
: TV Coaxial Socket
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 13.12ft
Jacket Colour
: White
Coaxial Type
: 3C2V 75R
External Length / Height
: 4m
Description of Cable:
1) Inner conductor
: 1 / ɸ0.5 Cu
2) Inner insulation
: ɸ3.1 PE
3) Screening (mylar)
: 12 / 0.025 Al foil
4) Braiding
: 32 / 0.1 Cu
5) Outer jacket
: ɸ5 PVC white
Part Number Table
Dimensions : Millimetres


Similar Part No. - APFLY6

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
APFLY2 PROSIGNAL-APFLY2 Datasheet
298Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
APFLY3 PROSIGNAL-APFLY3 Datasheet
205Kb / 1P
Lead - Coaxial TV P-P
V1.0 24/09/12
APFLY5 PROSIGNAL-APFLY5 Datasheet
156Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
APFLY7 PROSIGNAL-APFLY7 Datasheet
170Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
More results

Similar Description - APFLY6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
85Kb / 10P
S P S
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
S P S
logo
BOSER Technology Co., L...
BPC-3610 BOSER-BPC-3610 Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
logo
Pomona Electronics
6534 POMONA-6534 Datasheet
38Kb / 1P
Coaxial Test Lead Kit
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
DVB-S/S2 Satellite TV Demodulator
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
DVB-S/S2/S2X Digital TV Demodulator
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
Shielded coaxial cable lead
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
DVB-S/S2 Satellite TV Demodulator
logo
Shanghai Leiditech Elec...
SP3374NUTG LEIDITECH-SP3374NUTG Datasheet
893Kb / 4P
4-Line TV S for Ethernet Interfaces
Rev : 01.06.2014
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com