Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APFLY7 Datasheet(PDF) 1 Page - Pro-Signal

Part # APFLY7
Description  Lead - Coaxial TV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

APFLY7 Datasheet(HTML) 1 Page - Pro-Signal

  APFLY7 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
17/09/12
Lead - Coaxial TV
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Description
Part Number
Lead, Coaxial TV Plug to Plug, Black, 4M
APFLY7
Specifications:
Connector Type A
: TV Coaxial Plug
Connector Type B
: TV Coaxial Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 13.12ft
Cable Length - Metric
: 4m
Jacket Colour
: Black
Coaxial Type
: 3C2V 75R
Description of Cable:
1) Inner conductor
: 1 / ɸ0.5 Cu
2) Inner insulation
: ɸ3.1 PE
3) Screening (mylar)
: 13 / 0.025 Al foil
4) Braiding
: 32 / 0.1 Cu
5) Outer jacket
: ɸ5.0 PVC black
Part Number Table


Similar Part No. - APFLY7

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
APFLY2 PROSIGNAL-APFLY2 Datasheet
298Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
APFLY3 PROSIGNAL-APFLY3 Datasheet
205Kb / 1P
Lead - Coaxial TV P-P
V1.0 24/09/12
APFLY5 PROSIGNAL-APFLY5 Datasheet
156Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
APFLY6 PROSIGNAL-APFLY6 Datasheet
205Kb / 1P
Lead - Coaxial TV P-S
V1.0 24/09/12
More results

Similar Description - APFLY7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV214 TOSHIBA-1SV214_07 Datasheet
236Kb / 3P
TV Tuning
01-Nov-2007
logo
fujitsu semiconductor
FAR-F4SE-43M750-A006 FUJITSU-FAR-F4SE-43M750-A006 Datasheet
64Kb / 3P
TV-IF
FAR-F4SE-44M000-H0A3 FUJITSU-FAR-F4SE-44M000-H0A3 Datasheet
61Kb / 3P
TV-IF
logo
Pomona Electronics
6534 POMONA-6534 Datasheet
38Kb / 1P
Coaxial Test Lead Kit
logo
PANDUIT CORP.
D-181-1220-90 PANDUIT-D-181-1220-90 Datasheet
106Kb / 1P
COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
Tyco Electronics
024278-000 MACOM-024278-000 Datasheet
118Kb / 1P
COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
2-1194763-7 MACOM-2-1194763-7 Datasheet
101Kb / 1P
COAXIAL SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD SOLID WIRES
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
Shielded coaxial cable lead
logo
Samsung semiconductor
LA32C550J1F SAMSUNG-LA32C550J1F Datasheet
3Mb / 98P
LCD-TV
logo
Toshiba Semiconductor
44NHM84 TOSHIBA-44NHM84 Datasheet
852Kb / 26P
PROJECTION TV
2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com