Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RBO08-40T Datasheet(PDF) 7 Page - STMicroelectronics

Part # RBO08-40T
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RBO08-40T Datasheet HTML 3Page - STMicroelectronics RBO08-40T Datasheet HTML 4Page - STMicroelectronics RBO08-40T Datasheet HTML 5Page - STMicroelectronics RBO08-40T Datasheet HTML 6Page - STMicroelectronics RBO08-40T Datasheet HTML 7Page - STMicroelectronics RBO08-40T Datasheet HTML 8Page - STMicroelectronics RBO08-40T Datasheet HTML 9Page - STMicroelectronics RBO08-40T Datasheet HTML 10Page - STMicroelectronics RBO08-40T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1E-3
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
Zth(j-c)/Rth(j-c)
tp (s)
Fig. 4 : Relative variation of thermal impedance
junction to case versus pulse duration.
0.1
1.0
10.0
20.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V(V
FM
)
Tj=25
°C
Tj=150
°C
IFM (A)
Fig. 5-1 : Peak forward voltage drop versus peak
forward current (typical values) - (TRANSIL T2).
V(V
FM
)
0.1
1.0
10.0
20.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25
°C
Tj=150
°C
IFM (A)
Fig. 5-2 : Peak forward voltage drop versus peak
forward current (typical values) - (DIODE D1).
ORDERING INFORMATION
RBO
08
-
40
M
Reversed Battery &
Overvoltage protection
IF(AV) =8 A
Package :
M = PowerSO-10
G= D
2PAK
T = TO220AB
VCL = 40V
Fig. 6 : Relative variation of leakage current
versus junction temperature.
®
RBO08-40G / RBO08-40M / RBO08-40T
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com