Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMX-7T01SP Datasheet(PDF) 1 Page - Pro-Signal

Part # EMX-7T01SP
Description  Magnetic Buzzer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

EMX-7T01SP Datasheet(HTML) 1 Page - Pro-Signal

  EMX-7T01SP Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic Buzzer
EMX- 7T01SP FEATURES: 
Low Frequency
Low Voltage
Small and Slim Size
APPLICATIONS:
Automatic Control Equipment
Communication Equipment
Electronic Instruments
DIMENSIONS
: (Unit: mm)
ELECTRICAL SPECIFICATIONS:
Min. Sound Pressure Level at
1.5VDC/10cm…..…………………….……..80dB(A)
Rated Voltage……………………..…………1.5VDC
Operating Voltage……………………..…….1~2VDC
Max. Consumption…………….….….… .20mA/1.5VDC
Oscillating Frequency …………….…….….2300±200Hz
Operating Temperature…………………… -20~+60°C
Storage Temperature…………………….…-20~+70°C
Weight………………………………….….… 2g
PACKING INFORMATION:
Packing: 3000 pcs per export carton
Carton Size: 47
× 30.5 × 25 cm
G. Weight: 6.6 kgs N. Weight: 5.1kgs
Address: No. 12. Lane 722. Sangtian Road Jiangdong Science Garden
Ningbo, 315040 P. R. China
Fax No: (0574)87803761
Tel: (0574)87802511


Similar Part No. - EMX-7T01SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05P ETC2-EMX-7T05P Datasheet
114Kb / 1P
Magnetic Transducer
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
EMX-7T06SP ETC1-EMX-7T06SP Datasheet
128Kb / 1P
Magnetic transducer Buzzer
More results

Similar Description - EMX-7T01SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
Magnetic buzzer
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com