Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3RW304. Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # 3RW304.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW304. Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button 3RW304. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 13Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 16Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 17Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 18Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
How is the SIRIUS 3RW44 commissioned
and operated?
Commissioning of the SIRIUS 3RW44 is
particularly fast and easy, thanks to a
modern and ergonomic menu system.
This is facilitated by a keypad with a
menu-driven, multi-line graphical display
with background illumination. The
optimized motor start-up and stopping
can be realized rapidly, easily and safely
via only few settings in several pre-
selected languages. 4-key operation and
plain text displays on every menu item
ensure transparent parameterization and
operation at all times. Via the display
field, measuring and operating values, as
well as warning and fault messages, are
continuously displayed during operation
and with the control voltage connected. In
addition, an external display and operator
module can be connected to the soft
starter via a connection cable, for example
to read actual values directly from the
control cabinet door.
Does the SIRIUS 3RW44 feature
additional protective functions?
The SIRIUS 3RW44 is equipped with
optimum functionality as standard.
An integrated bypass contact system
reduces the soft starter’s heat loss during
operation. This reliably prevents heating
of the switching device‘s environment.
Moreover, it features an internal device
overload protection against thermal
overload of the power section’s thyristors,
e.g. caused by impermissibly high starting
operations.
The wiring costs for installation of an
additional motor overload relay are
eliminated as the SIRIUS 3RW44 also
masters this function. Whether settable
release times or thermistor motor
protection: With SIRIUS 3RW44, you are
always on the safe side! Optionally, the
thyristors can also be protected against
short circuit with SITOR semiconductor
fuses. Also inrush current peaks are
reliably eliminated thanks to settable
current limiting.
Is the SIRIUS 3RW44 communication-
capable?
Yes, the SIRIUS 3RW44 can be optionally
retrofitted with a PROFIBUS DP module.
Thanks to its communication capability
as well as its control inputs and
programmable relay outputs, it can be
very easily and rapidly integrated in
superior control systems.
What are the advantages in terms of
power loss?
Normally, approx. 3 W heat load are
generated per every ampere flowing
through an actuated thyristor. For motors
with 250 kW (with 400 V), this results
in a heating power of roughly 1500 W
in the switching device‘s environment.
The SIRIUS 3RW44 coolly handles
these hot conditions. As a standard, all
versions are equipped with mechanical
bypass contacts, which bridge the
thyristors after detected motor start-
up. This considerably reduces the heat
loss occurring during the soft starter’s
nominal operation. The intelligent hybrid
concept, which electronically starts
the motor via thyristors and operates
it electro-mechanically via contactor
contacts during rated operation,
improves the feeder’s overall efficiency
and additionally reduces the costs for
control cabinet dimensioning.
What if lower speeds are required?
For positioning and set-up tasks, a creep
speed function allows for the motor’s
control in both directions of rotation
– with reduced torque and settable low
speed.
What about stopping quickly?
For the fast shutdown of driving loads,
a new, combined DC brake function is
offered for the SIRIUS 3RW44.
How about accessories?
We offer a comprehensive range of
accessories for our soft starters, e.g. an
external display and operator module for
installation in the control cabinet door or
the plug-on PROFIBUS DP module.
Circuit breaker and soft starter as well as
labeling strips from the SIRIUS range are
available.
Furthermore, easy-to-mount box terminal
blocks and sealing covers from the SIRIUS
portfolio are available for optimum touch
protection.
15
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com