| Electronic Components Datasheet Search |
|
PIC16F877 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 22 page ![]() PIC16F87X DS39025F-page 6 2002 Microchip Technology Inc. 2.4.2.3 Load Data for Data Memory After receiving this command, the chip will load in a 14-bit “data word” when 16 cycles are applied. How- ever, the data memory is only 8-bits wide, and thus, only the first 8-bits of data after the START bit will be programmed into the data memory. It is still necessary to cycle the clock the full 16 cycles in order to allow the internal circuitry to reset properly. The data memory contains up to 256 bytes. If the device is code pro- tected, the data is read as all zeros. 2.4.2.4 Read Data from Program Memory After receiving this command, the chip will transmit data bits out of the program memory (user or configu- ration) currently accessed, starting with the second ris- ing edge of the clock input. The RB7 pin will go into Output mode on the second rising clock edge, and it will revert back to Input mode (hi-impedance) after the 16th rising edge. A timing diagram of this command is shown in Figure 6-2. 2.4.2.5 Read Data from Data Memory After receiving this command, the chip will transmit data bits out of the data memory starting with the sec- ond rising edge of the clock input. The RB7 pin will go into Output mode on the second rising edge, and it will revert back to Input mode (hi-impedance) after the 16th rising edge. As previously stated, the data memory is 8-bits wide, and therefore, only the first 8-bits that are output are actual data. 2.4.2.6 Increment Address The PC is incremented when this command is received. A timing diagram of this command is shown in Figure 6-3. 2.4.2.7 Begin Erase/Program Cycle A load command must be given before every begin programming command. Programming of the appro- priate memory (test program memory, user program memory or data memory) will begin after this command is received and decoded. An internal timing mechanism executes an erase before write. The user must allow for both erase and programming cycle times for program- ming to complete. No “end programming” command is required. 2.4.2.8 Begin Programming A load command must be given before every begin programming command. Programming of the appro- priate memory (test program memory, user program memory or data memory) will begin after this command is received and decoded. An internal timing mechanism executes a write. The user must allow for program cycle time for programming to complete. No “end pro- gramming” command is required. This command is similar to the ERASE/PROGRAM CYCLE command, except that a word erase is not done. It is recommended that a bulk erase be per- formed before starting a series of programming only cycles. Note: The Begin Program operation must take place at 4.5 to 5.5 VDD range. TABLE 2-2: COMMAND MAPPING FOR PIC16F87X Command Mapping (MSB … LSB) Data Voltage Range Load Configuration XX 0000 0, data (14), 0 2.2V - 5.5V Load Data for Program Memory XX 0010 0, data (14), 0 2.2V - 5.5V Read Data from Program Memory XX 0100 0, data (14), 0 2.2V - 5.5V Increment Address XX 0110 2.2V - 5.5V Begin Erase Programming Cycle 00 1000 2.2V - 5.5V Begin Programming Only Cycle 01 1000 4.5V - 5.5V Load Data for Data Memory XX 0011 0, data (14), 0 2.2V - 5.5V Read Data from Data Memory XX 0101 0, data (14), 0 2.2V - 5.5V Bulk Erase Setup1 00 0001 4.5V - 5.5V Bulk Erase Setup2 00 0111 4.5V - 5.5V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |