Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S03AIPMR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S03AIPMR
Description  1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03AIPMR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S03AIPMR Datasheet HTML 6Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 7Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 8Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 9Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 10Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 11Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 12Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 13Page - STMicroelectronics ST1S03AIPMR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ST1S03A
Package mechanical data
11/14
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.801.00
0.0310.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.45
0.009
0.018
D2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.50
0.088
0.098
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.75
0.059
0.069
e0.950.037
L0.30
0.40
0.50
0.012
0.016
0.020
DFN6D (3x3) Mechanical Data
7946637B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com