Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8951L Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
7
Test Conditions
AVDD1, AVDD2, DBVDD = 3.3V, AGND1, AGND2 = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz,
XTI/MCLK = 256fs unless otherwise stated.
Microphone Input to ADC @ 0dB Gain, fs = 48kHz (40k
Ω Source Impedance. See Figure 11)
Input Signal Level (0dB)
VINMIC
1.0
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, 0dB gain
80
dB
Dynamic Range (Note 3)
DR
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, -60dB full
scale input
70
dB
Total Harmonic Distortion
THD
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
0dB input, 0dB gain
-55
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Programmable Gain Boost
MICBOOST bit
set
1kHz input
Rsource < 50 Ohms
34
dB
Mic Path gain (MICBOOST gain
is additional to this nominal
gain)
MICBOOST = 0
Rsource < 50
Ω
14
dB
Mute attenuation
0dB, 1kHz input
80
dB
Input Resistance
RINMIC
10k
Ω
Input Capacitance
CINMIC
10
pF
Microphone Bias
Bias Voltage
VMICBIAS
0.75*AVDD1
–100mV
0.75*AVDD1 0.75*AVDD1
+ 100mV
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
25
nV/
√Hz
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with the input short circuited, measured ‘A’ weighted over a 20Hz
to 20kHz bandwidth using an Audio analyser.
2.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted over a
20Hz to 20kHz bandwidth.
3.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a filter will
result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low
pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
4.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (e.g. THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com