Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JDAE12PA/SW Datasheet(PDF) 1 Page - Hylec-APL Ltd. All rights reserved.

Part # JDAE12PA/SW
Description  Venting element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

JDAE12PA/SW Datasheet(HTML) 1 Page - Hylec-APL Ltd. All rights reserved.

  JDAE12PA/SW Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved. JDAE12PA/SW Datasheet HTML 2Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Venting element
JDAExxPAzzzz
Configuration
Body
Polyamide PA6 V-0
Membrane
Polyether sulphone PES
O-ring
Nitrile rubber
Connecting thread
metric, as per EN 60423
Properties
•
protection for hermetically
sealed electro-technical and
electronic enclosures against
condensation water from
alternating temperature and
pressure
•
pressure, continuous
ventilation and adaption of the
inner pressure
•
hydrophobic and oleophobic
PES-membrane
Typical air flow
90 - 130 ml/min/cm2 bei p = 0,01 bar
∆
Water entry pressure
> 1 bar
Temperature range
-40°C
+100°C
Protection grade
IP66
67bar
IP69K
Features
RAL 9005
Connecting thread standard length
A
L
SW1
H
Part No.
mm
mm
mm
Piece
M12x1,5
10
17
17,8
100
JDAE12PA/SW
RAL 7035
Connecting thread standard length
A
L
SW1
H
Part No.
mm
mm
mm
Piece
M12x1,5
10
17
17,8
100
JDAE12PA7035
www.hylec-apl.com


Similar Part No. - JDAE12PA/SW

ManufacturerPart #DatasheetDescription
logo
Hylec-APL Ltd. All righ...
JDAE12PA/SW HYLEC-JDAE12PA/SW Datasheet
195Kb / 2P
Venting element
More results

Similar Description - JDAE12PA/SW

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-231 SONY-DM-231 Datasheet
96Kb / 5P
Magnetoresistance Element
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
Magnetoresistance Element
logo
Isahaya Electronics Cor...
BSO8D ISAHAYA-BSO8D Datasheet
682Kb / 15P
TRIGGER ELEMENT
logo
Kingtronics Internation...
RKT-3540S KINGTRONICS-RKT-3540S Datasheet
370Kb / 1P
WIREWOUND ELEMENT
logo
Littelfuse
FLNR LITTELFUSE-FLNR_16 Datasheet
162Kb / 2P
Dual Element
logo
CUI INC
CPT-2064-L100 CUI-CPT-2064-L100 Datasheet
349Kb / 4P
PIEZO ELEMENT
CPT-2065-L100 CUI-CPT-2065-L100 Datasheet
307Kb / 4P
PIEZO ELEMENT
CPT-2745-L100 CUI-CPT-2745-L100 Datasheet
365Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
192968 FESTO-192968 Datasheet
76Kb / 1P
Stop element
12/4/22
logo
WECO ELECTRICAL CONNECT...
130-CP WECO-130-CP Datasheet
53Kb / 1P
Coding element
10.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com