Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2E2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E2E2
Description  Long Barrel Inductive Prox
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 2Page - Omron Electronics LLC E2E2 Datasheet HTML 3Page - Omron Electronics LLC E2E2 Datasheet HTML 4Page - Omron Electronics LLC E2E2 Datasheet HTML 5Page - Omron Electronics LLC E2E2 Datasheet HTML 6Page - Omron Electronics LLC E2E2 Datasheet HTML 7Page - Omron Electronics LLC E2E2 Datasheet HTML 8Page - Omron Electronics LLC E2E2 Datasheet HTML 9Page - Omron Electronics LLC E2E2 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
E2E2 2-WIRE AC
E2E2 2-WIRE AC
8
E2E2-X5Yj-M4
E2E2-X10MYj-M4
Operation indicator
Two clamping nut
Toothed washer
1/2-20unf
M18 x 1
M18 x 1
Operation indicator
Two clamping nut
Toothed washer
14.8 dia.
1/2-20unf
29 dia.
(1.14)
75 (2.95)
60 (2.36)
29 dia.
(1.14)
75 (2.95)
60 (2.36)
24
410
24
4
10
10
(0.39)
E2E2-X10Yj-M4
E2E2-X18MYj-M4
M30 x 1.5
Operation indicator
Two clamping nut
Toothed washer
M30 x 1.5
Operation indicator
Two clamping nut
Toothed washer
26.8 dia.
1/2-20unf
1/2-20unf
42 dia.
(1.65)
80 (3.15)
65 (2.56)
13
(0.51)
42 dia.
(1.65)
80 (3.15)
65 (2.56)
36
510
36
10
5
J
MOUNTING HOLES
F
Dimensions
M12
M18
M30
F (mm)
12.5 mm (0.49 in) dia.
18.5 mm (0.73 in) dia.
30.5 mm (1.20 in) dia.
Installation
J
PIN ARRANGEMENT
E2E2-XjYj-M4
Applicable models
Pin arrangement
E2E2-XjYj-M4
Load
32
AC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com