Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3H2-R2B4M-N 2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3H2-R2B4M-N 2M
Description  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3H2-R2B4M-N 2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3H2-R2B4M-N 2M Datasheet HTML 1Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 2Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 3Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 4Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 5Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 6Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 7Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 8Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
E3H2
Miniature photoelectric sensors in cylindrical M8 and M12 housing
E3H2
• M8 or M12 sized cylindrical housings
when mounting space is crucial
• Retro-reflective
models
with
two
teaching modes for standard and
semi-transparent objects
• pre-wired and connector models
Ordering Information
M12 cylindrical housing
M8 cylindrical housing
Sensor type
Sensing
distance
Operation
mode
Connection method
Order code
NPN output
PNP output
Through-beam
4 m
(adjustable)
light on / dark
on selectable
––
2 m
–
E3H2-T4C4M-N 2M
E3H2-T4B4M-N 2M
–
––
E3H2-T4C4M-M1-N
E3H2-T4B4M-M1-N
Retro-reflec-
tive with M.S.R.
2m
(teachable)
––
2 m
–
E3H2-R2C4M-N 2M*1
*1.
Without reflector; order reflector separately
E3H2-R2B4M-N 2M*1
–
––
E3H2-R2C4M-M1-N*1
E3H2-R2B4M-M1-N*1
Diffuse-reflec-
tive
300 mm
(teachable)
––
2 m
–
E3H2-DS30C4M-N 2M E3H2-DS30B4M-N 2M
–
––
E3H2-DS30C4M-M1-N E3H2-DS30B4M-M1-N
100 mm
(fixed)
––
2 m
–
E3H2-DS10C4M-N 2M E3H2-DS10B4M-N 2M
–
––
E3H2-DS10C4M-M1-N E3H2-DS10B4M-M1-N
Sensor type
Sensing
distance
Operation mode Connection method
Order code
NPN output
PNP output
Through-beam
2 m
dark on
––
2 m
–
E3H2-T2C2S 2M
E3H2-T2B2S 2M
–––
E3H2-T2C2S-M5
E3H2-T2B2S-M5
light on
––
2 m
–
E3H2-T2C1S 2M
E3H2-T2B1S 2M
–––
E3H2-T2C1S-M5
E3H2-T2B1S-M5


Similar Part No. - E3H2-R2B4M-N 2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3HF OMRON-E3HF Datasheet
264Kb / 5P
Thin-Profile 7-mm Photoelectric Sensor
E3HF-1E2 OMRON-E3HF-1E2 Datasheet
264Kb / 5P
Thin-Profile 7-mm Photoelectric Sensor
logo
List of Unclassifed Man...
E3HT ETC1-E3HT Datasheet
167Kb / 4P
8 mm Metal Cylindrical Photoelectric
E3HT-1E1 ETC1-E3HT-1E1 Datasheet
167Kb / 4P
8 mm Metal Cylindrical Photoelectric
E3HT-1E2 ETC1-E3HT-1E2 Datasheet
167Kb / 4P
8 mm Metal Cylindrical Photoelectric
More results

Similar Description - E3H2-R2B4M-N 2M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK7-1A66C-500W MEDER-MK7-1A66C-500W Datasheet
55Kb / 4P
Cylindrical Reed Sensors with M8 Thread
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
Miniature self-contained photoelectric sensors in universal housing
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com