Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E69-DF20 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E69-DF20
Description  Low-cost Encoder with Diameter of 50 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E69-DF20 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E69-DF20 Datasheet HTML 1Page - Omron Electronics LLC E69-DF20 Datasheet HTML 2Page - Omron Electronics LLC E69-DF20 Datasheet HTML 3Page - Omron Electronics LLC E69-DF20 Datasheet HTML 4Page - Omron Electronics LLC E69-DF20 Datasheet HTML 5Page - Omron Electronics LLC E69-DF20 Datasheet HTML 6Page - Omron Electronics LLC E69-DF20 Datasheet HTML 7Page - Omron Electronics LLC E69-DF20 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E6CP-A
4
Positioner Connection Example
H8PS Cam Positioner Connection
Note: The E6CP-AG5C cannot be connected to the H8PS.
Ordering Information
Specifications
Note: For 16-point and 32-point output types only
Programmable Controller Connection
Connection is possible with the CQM1H-CPU51 and CQM1H-ABB21.
Rotary Encoder
E6CP-AG5C-C
Model
H8PS-8A
H8PS-8AP
H8PS-8AF
H8PS-8AFP
H8PS-16A
H8PS-16AP
H8PS-16AF
H8PS-16AFP
H8PS-32A
H8PS-32AP
H8PS-32AF
H8PS-32AFP
Rated voltage
24 VDC
Cam precision
0.5
° (for 720 resolution), 1° (for 256/360 resolution)
No. of output points
8-point output type: 8 cam outputs, 1 RUN output, 1 pulse output
16-point output type: 16 cam outputs, 1 RUN output, 1 pulse output
32-point output type: 32 cam outputs, 1 RUN output, 1 pulse output
Encoder response
RUN mode, test mode:
256/360 resolution ....... 1,600 r/min max. (1,200 r/min when advance compensation is set for four cams or more)
720 resolution ............... 800 r/min max. (600 r/min when advance compensation is set for four cams or more)
Additional functions
• Origin compensation (zeroing)
• Rotation direction switching
• Angle display switching
• Teaching
• Pulse output
• Angle/number of rotations display switching
• Puncture *
• Angle advance
• Number of rotations alarm output
• Setting with support software (order separately) *
Refer to the CQM1H Programmable Controller Catalog (P050) for details on the CQM1H Programmable Controller.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com