Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8PS-32AFP Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H8PS-32AFP
Description  Low-cost Encoder with Diameter of 50 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-32AFP Datasheet(HTML) 5 Page - Omron Electronics LLC

  H8PS-32AFP Datasheet HTML 1Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 2Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 3Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 4Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 5Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 6Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 7Page - Omron Electronics LLC H8PS-32AFP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E6CP-A
5
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the Encoder under ambient conditions that exceed the
ratings.
● Mounting
For front-surface mounting, the maximum tightening torque is
1.76 N·m. (Effective screw length: 7 mm min.)
● Wiring
Spurious pulses may be generated for outputs when power is turned
ON. Wait at least 1 s after turning ON the power to the Encoder before
using the connected device.
● Connection
Spurious pulses may be generated when power is turned ON and
OFF. Wait at least 1 s after turning ON the power to the Encoder
before using the connected device, and stop using the connected
device at least 1 s before turning OFF the power to the Encoder.
Also, turn ON the power to the load only after turning ON the power
to the Encoder.
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Encoder
WARNING
Precautions for Correct Use
The E69-C06B Coupling is provided.
The E69-C06B Coupling is sold separately.
E6CP-AG3C
E6CP-AG5C
45˚
45˚
8
3
5
50
10
*
40
50 dia.
1
56 dia.
38 dia.
Four,
M4 holes;
Depth: 10 mm
* 6-dia. vinyl-insulated round cable with
10 conductors (Conductor cross section:
0.18 mm
2, Insulator diameter: 1.0 mm),
Standard length: 2 m
6
-0.008
-0.020 dia.
25 0
-0.2 dia.
E6CP-AG5C-C
1
8
3
5
50
10
50 dia.
56 dia.
45˚
45˚
*2
*1
37
40
2,000
16.9 dia.
38 dia.
Four,
M4 holes;
Depth: 10 mm
*1. 6-dia. vinyl-insulated round cable with
10 conductors (Conductor cross
section: 0.18 mm
2, Insulator diameter:
1.0 mm), Standard length: 2 m
*2. H8PS Cam Positioner connector.
6
-0.008
-0.020 dia.
25 0
-0.2 dia.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com