Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-08 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P2RFZ-08
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-08 Datasheet(HTML) 4 Page - Omron Electronics LLC

  P2RFZ-08 Datasheet HTML 1Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 2Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 3Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 4Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 5Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 6Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
G2R-
@-S (S)
Back-mounting Socket
For Push-In Plus Terminal Block Sockets
Short Bars
*1. Replace the box (
@) in the model number with the code for the covering color. @Color selection: R = Red, S = Blue, Y = Yellow
Labels
Applicable Relay model
Mounting Method
Appearance
Models
G2R-1-S
PCB terminals
P2R-05P
P2R-057P
Solder terminals
P2R-05A
G2R-2-S
PCB terminals
P2R-08P
P2R-087P
Solder terminals
P2R-08A
Applicable sockets
Pitch
Application
Shape/external dimensions
Number of
poles
L (Length)
Insulation
color
Short Bars Model*1
P2RF-05-PU
P2RF-08-PU
7.75 mm
Bridging contact
terminals
(common)
215.1
Red (R)
Blue (S)
Yellow(Y)
PYDN-7.75-020
@
3
22.85
PYDN-7.75-030
@
430.6
PYDN-7.75-040
@
20
154.6
PYDN-7.75-200
@
15.5 mm
For Coil
terminals
8
115.55
PYDN-15.5-080@
Applicable sockets
Model
P2RF-05-PU
P2RF-08-PU
XW5Z-P4.0LB1
(1 sheet/60 pieces)
3.90
L
1.57
2.25
12
18.5
3.90
1.57
2.25
12
18.5
115.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com