Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E32-R21 2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E32-R21 2M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R21 2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E32-R21 2M Datasheet HTML 1Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 2Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 3Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 4Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 5Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 6Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 7Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 8Page - Omron Electronics LLC E32-R21 2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
E3X-HD
Small-spot, Reflective Models
High-power Beam Models
*1. The fiber length is 10 m on each side, so the sensing distance is given as 20,000 mm.
*2. The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Narrow View Models
* The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Type
Spot diameter
Center
distance
(mm)
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Variable spot
0.1 to 0.6 dia.
6 to 15
E32-C42 1M+E39-F3A
Spot diameter of 0.1 to 0.6 mm at 6 to 15 mm.
0.3 to 1.6 dia.
10 to 30
E32-C42 1M+E39-F17
Spot diameter of 0.3 to 1.6 mm at 10 to 30 mm.
Parallel light
4 dia.
0 to 20
E32-C31 2M+E39-F3C
Spot diameter of 4 mm max. at 0 to 20 mm.
E32-C31N 2M+E39-F3C
Integrated lens
0.1 dia.
5
E32-C42S 1M
Spot diameter of 0.1 mm at 5 mm.
6 dia.
50
E32-L15 2M
Spot diameter of 6 mm at 50 mm.
Small-spot
0.1 dia.
7
E32-C41 1M+E39-F3A-5
Spot diameter of 0.1 mm at 7 mm.
0.5 dia.
E32-C31 2M+E39-F3A-5
Spot diameter of 0.5 mm at 7 mm.
E32-C31N 2M+E39-F3A-5
0.2 dia.
17
E32-C41 1M+E39-F3B
Spot diameter of 0.2 mm at 17 mm.
0.5 dia.
E32-C31 2M+E39-F3B
Spot diameter of 0.5 mm at 17 mm.
E32-C31N 2M+E39-F3B
3 dia.
50
E32-CC200 2M+E39-F18
Spot diameter of 3 mm at 50 mm.
E32-C11N 2M+E39-F18
Type
Sensing direction
Aperture
angle
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
models with
integrated lens
Right-angle
15
°
E32-LT11N 2M
4,000 *2
3,500
2,300
920
Top-view
10
°
E32-T17L 10M
20,000 *1
20,000 *1
20,000 *1
8,000
15
°
E32-LT11 2M
4,000 *2
4,000 *2
2,700
1,080
E32-LT11R 2M
4,000 *2
3,500
2,300
920
Side-view
30
°
E32-T14 2M
4,000 *2
4,000 *2
4,000 *2
1,800
Through-beam
models with
lenses
Right-angle
12
°
E32-T11N 2M+E39-F1
4,000 *2
4,000 *2
4,000 *2
2,000
6
°
E32-T11N 2M+E39-F16
4,000 *2
4,000 *2
4,000 *2
3,600
Top-view
12
°
E32-T11R 2M+E39-F1
4,000 *2
4,000 *2
4,000 *2
2,000
6
°
E32-T11R 2M+E39-F16
4,000 *2
4,000 *2
4,000 *2
3,600
Side-view
60
°
E32-T11R 2M+E39-F2
1,450
800
500
200
Top-view
12
°
E32-T11 2M+E39-F1
4,000 *2
4,000 *2
4,000 *2
1,860
6
°
E32-T11 2M+E39-F16
4,000 *2
4,000 *2
4,000 *24,000 *2
Side-view
60
°
E32-T11 2M+E39-F2
2,300
1,320
860
320
Top-view
12
°
E32-T51R 2M+E39-F1
4,000 *2
4,000 *2
3,900
1,500
6
°
E32-T51R 2M+E39-F16
4,000 *2
4,000 *2
4,000 *24,000 *2
Side-view
60
°
E32-T51R 2M+E39-F2
1,400
720
500
200
Top-view
12
°
E32-T81R-S 2M+E39-F1
4,000 *2
4,000 *2
2,700
1,000
6
°
E32-T81R-S 2M+E39-F16
4,000 *2
4,000 *2
4,000 *2
1,800
Side-view
60
°
E32-T81R-S 2M+E39-F2
1,000
550
360
140
Top-view
12
°
E32-T61-S 2M+E39-F1
4,000 *2
4,000 *2
4,000 *2
1,800
6
°
E32-T61-S 2M+E39-F16
4,000 *2
4,000 *2
4,000 *2
3,100
Side-view
60
°
E32-T61-S 2M+E39-F2
1,680
900
600
240
Top-view
12
°
E32-T51 2M+E39-F1-33
4,000 *2
4,000 *2
2,300
1,400
6
°
E32-T51 2M+E39-F16
4,000 *2
4,000 *2
4,000 *24,000 *2
Reflective
models with
integrated lens
Top-view
4
°
E32-D16 2M
40 to 2,800
40 to 1,400
40 to 900
40 to 480
Sensing
method
Sensing direction
Aperture angle
Model
Sensing distance (mm)
Giga mode
Standard mode
High-speed
mode
Super-high-
speed mode
Through-beam
Side-view
1.5
°
E32-A03 2M
3,220
1,780
1,200
500
E32-A03-1 2M
3.4
°
E32-A04 2M
1,280
680
450
200
4
°
E32-T24SR 2M
4,000 *
2,200
1,460
580
E32-T24S 2M
4,000 *
2,600
1,740
700
E32-T22S 2M
4,000 *
3,800
2,500
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com