Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11BGP0910D024 Datasheet(PDF) 2 Page - LOVATO Electric S.p.A.

Part # 11BGP0910D024
Description  THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 1NO AUXILIARY CONTACT, REAR PCB SOLDER PIN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

11BGP0910D024 Datasheet(HTML) 2 Page - LOVATO Electric S.p.A.

  11BGP0910D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. 11BGP0910D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. 11BGP0910D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. 11BGP0910D024 Datasheet HTML 4Page - LOVATO Electric S.p.A. 11BGP0910D024 Datasheet HTML 5Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
max
Nm
1
min
Ibin
9
max
Ibin
9
Max number of wires simultaneously connectable
Nr.
2
Conductor section
AWG/Kcmil
max
12
Flexible w/o lug conductor section
min
mm²
0.8
max
mm²
2.5
Flexible c/w lug conductor section
min
mm²
1.5
max
mm²
2.5
Flexible with insulated spade lug conductor section
min
mm²
1.5
max
mm²
2.5
Power terminal protection according to IEC/EN 60529
IP00
Mechanical features
Operating position
normal
Vertical plan
allowable
±30°
Fixing
Screw / DIN rail
35mm
Weight
g
240
Auxiliary contact characteristics
Thermal current Ith
A
10
IEC/EN 60947-5-1 designation
A600 - Q600
Operating current AC15
230V
A
3
400V
A
1.9
500V
A
1.4
Operating current DC12
110V
A
2.9
Operating current DC13
24V
A
2.9
48V
A
1.4
60V
A
1.1
125V
A
0.3
220V
A
0.1
600V
A
0.6
Operations
Mechanical life
cycles
20000000
Electrical life
cycles
500000
Safety related data
Performance level B10d according to EN/ISO 13489-1
rated load
cycles
500000
mechanical load
cycles
20000000
EMC compatibility
yes
DC coil operating
DC rated control voltage
V
24
DC operating voltage
pick-up
min
%Us
75
11BGP0910D024
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 1NO
AUXILIARY CONTACT, REAR PCB SOLDER PIN
11BGP0910D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com