Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-A-Q8WP Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LE-A-Q8WP
Description  OSRAM OSTAR™ Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-Q8WP Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LE-A-Q8WP Datasheet HTML 5Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 6Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 7Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 8Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 9Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 10Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 11Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 12Page - ams-OSRAM AG LE-A-Q8WP Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LE A Q8WP
DATASHEET
DATASHEET
9 | Version 1.14 | 2025-05-27
Forward current 4), 7)
I
F = f(VF); TJ = 25 °C
LEAQ8WP
1.72.0 2.22.4 2.62.8 3.03.2 3.4
VF /V
40
1000
2000
3000
4000
5000
6000
IF /mA
Relative Luminous Flux 4), 7)
Φ
v/Φv(1400 mA) = f(IF); TJ = 25 °C
LEAQ8WP
IF /mA
0
1
2
3
4
ΦV
ΦV(1400mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com