Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XS2F-M12PVC4S2M Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # XS2F-M12PVC4S2M
Description  E2EL-X8E1-DS 2M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4S2M Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4S2M Datasheet HTML 20Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 21Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 22Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 23Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 24Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 25Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 26Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 27Page - Omron Electronics LLC XS2F-M12PVC4S2M Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
E2EW Series
25
Mutual Interference
When installing two or more Proximity Sensors face-to-face or sideby-
side, ensure that the minimum distances given in the following
table are maintained.
(Unit: mm)
Chips from Cutting Aluminum
Normally, chips from cutting aluminum will not cause a detection
signal to be output even if it adheres to or accumulates on the
detection surface. In the following cases, however, a detection signal
may be output.
Remove the cutting chips in these cases.
Mounting
Tightening Force
Do not tighten the nut with excessive force.
A washer must be used with the nut.
The tightening force must be the same or less than the figures in the
following table.
Quadruple distance model, Triple distance model
(Unit: N·m)
* Tighten the nut of the E2EW-Q to a torque in parentheses.
Single distance model
(Unit: N·m)
* Tighten the nut of the E2EW-Q to a torque in parentheses.
Note: When mounting the Proximity Sensor, only use the provided
nut. Do not use set screws. The Sensor may malfunction.
Models
Model
Item
A
B
Quadruple
distance model
E2EW-(Q)X712
45
40
E2EW-(Q)X1218
80
60
E2EW-(Q)X2230
135
110
Triple distance
model
E2EW-(Q)X612
45
40
E2EW-(Q)X1018
80
60
E2EW-(Q)X2030
135
110
Single distance
model
E2EW-(Q)X212
40
35
E2EW-(Q)X518
65
60
E2EW-(Q)X1030
110
100
A
B
1. If d ≥ 2/3D at the center of the detection
surface where d is the cutting chip size and D is
the detection surface size
(Unit: mm)
2.If the cutting chips are pressed down
Model
Dimension
D
E2EW-(Q)X12
10
E2EW-(Q)X18
16
E2EW-(Q)X30
28
d
D
Detection
surface
Cutting
chips
Cutting
chips
Pressed down
Size
Torque
M12
20 (15)
M18
70 (35)
M30
180 (60)
Size
Torque
M12
30 (15)
M18
70 (35)
M30
180 (60)
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com