Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD934215JIT Datasheet(PDF) 49 Page - STMicroelectronics

Part # PSD934215JIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215JIT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD934215JIT Datasheet HTML 45Page - STMicroelectronics PSD934215JIT Datasheet HTML 46Page - STMicroelectronics PSD934215JIT Datasheet HTML 47Page - STMicroelectronics PSD934215JIT Datasheet HTML 48Page - STMicroelectronics PSD934215JIT Datasheet HTML 49Page - STMicroelectronics PSD934215JIT Datasheet HTML 50Page - STMicroelectronics PSD934215JIT Datasheet HTML 51Page - STMicroelectronics PSD934215JIT Datasheet HTML 52Page - STMicroelectronics PSD934215JIT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
49/89
PSD834F2V
Direction Register. The Direction Register, in
conjunction with the output enable (except for Port
D), controls the direction of data flow in the I/O
Ports. Any bit set to 1 in the Direction Register
causes the corresponding pin to be an output, and
any bit set to 0 causes it to be an input. The default
mode for all port pins is input.
Table 22. Port Pin Direction Control, Output
Enable P.T. Not Defined
Table 23. Port Pin Direction Control, Output
Enable P.T. Defined
Table 24. Port Direction Assignment Example
Figure 25 and Figure 26 show the Port Architec-
ture diagrams for Ports A/B and C, respectively.
The direction of data flow for Ports A, B, and C are
controlled not only by the direction register, but
also by the output enable product term from the
PLD AND Array. If the output enable product term
is not active, the Direction Register has sole con-
trol of a given pin’s direction.
An example of a configuration for a Port with the
three least significant bits set to output and the re-
mainder set to input is shown in Table 24. Since
Port D only contains three pins (shown in Figure
28), the Direction Register for Port D has only the
three least significant bits active.
Drive Select Register. The Drive Select Register
configures the pin driver as Open Drain or CMOS
for some port pins, and controls the slew rate for
the other port pins. An external pull-up resistor
should be used for pins configured as Open Drain.
A pin can be configured as Open Drain if its corre-
sponding bit in the Drive Select Register is set to a
1. The default pin drive is CMOS.
Note that the slew rate is a measurement of the
rise and fall times of an output. A higher slew rate
means a faster output response and may create
more electrical noise. A pin operates in a high slew
rate when the corresponding bit in the Drive Reg-
ister is set to 1. The default rate is slow slew.
Table 25 shows the Drive Register for Ports A, B,
C, and D. It summarizes which pins can be config-
ured as Open Drain outputs and which pins the
slew rate can be set for.
Port Data Registers
The Port Data Registers, shown in Table 26, are
used by the MCU to write data to or read data from
the ports. Table 26 shows the register name, the
ports having each register type, and MCU access
for each register type. The registers are described
below.
Table 25. Drive Register Pin Assignment
Note: 1. NA = Not Applicable.
Direction Register Bit
Port Pin Mode
0
Input
1
Output
Direction
Register Bit
Output Enable
P.T.
Port Pin Mode
0
0
Input
0
1
Output
1
0
Output
1
1
Output
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
1
1
1
Drive
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port A
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port C
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port D
NA1
NA1
NA1
NA1
NA1
Slew
Rate
Slew
Rate
Slew
Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com