Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-HGB0980 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # F39-HGB0980
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-HGB0980 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button F39-HGB0980 Datasheet HTML 8Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 9Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 10Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 11Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 12Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 13Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 14Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 15Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 164 page
background image
List of specifications and features
F3SG-RA
F3SG-RR
Advanced type
Robust type
Ideal for
flexible
manufacturing
Ideal for
environments where
cutting oil is present
12 | Safety Light Curtain F3SG-R Series
14-mm dia.
10 mm
0.3 to 10 m
160 to 2,080 mm
15 to 207
30-mm dia.
0.3 to 20 m
190 to 2,510 mm
8 to 124
14-mm dia.
10 mm
0.3 to 10 m
23 to 191
25-mm dia.
20 mm
0.3 to 17 m
12 to 96
IP67
•
•
•
•
•
•
•
•
-
IP67,IP67G
•
•
•
•
240 to 1,920 mm
20 mm
Finger protection
Hand and arm protection
Body protection
Detection capability
Beam gap
Operating range
Protective height
Number of beams
PNP/NPN Selection
External Test
Interlock
Pre-Reset
External Device Monitoring (EDM)
Auxiliary Output
Muting
Blanking
Reduced Resolution
Warning Zone
Scan Code Selection
Operating Range Selection
Response Time Adjustment
Designated Beam Output
Cascade Connection
Reduced wiring
Degree of protection
Lamp
Bluetooth communication unit
SD Manager2
Laser pointer
Application
Specification
Feature
Connection/
wiring
Environmental
resistance
Accessory
*1
*1
Setting by DIP Switch
Setting by Wiring
Setting by End Cap/Key Cap
Setting by Configuration Tool
*1. Supports PNP/NPN by switching between 0 V and 24 V active.
*2. The F3SG-RA-
□TS has different specifications. See the pages listed above for details.
More information
Page 16
(F3SG-RA-01TS : Page 93, F3SG-RA-02TS : Page 120*2)
Page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com