Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE D P1MR-GPGT-R Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LE D P1MR-GPGT-R
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE D P1MR-GPGT-R Datasheet(HTML) 5 Page - ams-OSRAM AG

  LE D P1MR-GPGT-R Datasheet HTML 1Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 2Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 3Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 4Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 5Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 6Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 7Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 8Page - ams-OSRAM AG LE D P1MR-GPGT-R Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE D P1MR
DATASHEET
DATASHEET
5 | Version 1.1 | 2022-08-17
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 8000 mA
I
F = 8000 mA
min.
max.
Φ
e
Φ
e
GP
18000 mW
19400 mW
GQ
19400 mW
21000 mW
GR
21000 mW
22400 mW
GS
22400 mW
24000 mW
GT
24000 mW
25900 mW
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
R
435 nm
445 nm
Group Name on Label
Example: GP-R
Brightness
Wavelength
GP
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com