Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD834220JIT Datasheet(PDF) 37 Page - STMicroelectronics

Part # PSD834220JIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834220JIT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PSD834220JIT Datasheet HTML 33Page - STMicroelectronics PSD834220JIT Datasheet HTML 34Page - STMicroelectronics PSD834220JIT Datasheet HTML 35Page - STMicroelectronics PSD834220JIT Datasheet HTML 36Page - STMicroelectronics PSD834220JIT Datasheet HTML 37Page - STMicroelectronics PSD834220JIT Datasheet HTML 38Page - STMicroelectronics PSD834220JIT Datasheet HTML 39Page - STMicroelectronics PSD834220JIT Datasheet HTML 40Page - STMicroelectronics PSD834220JIT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
37/89
PSD834F2V
MCU BUS INTERFACE
The “no-glue logic” MCU Bus Interface block can
be directly connected to most popular MCUs and
their control signals. Key 8-bit MCUs, with their
bus types and control signals, are shown in Table
14. The interface type is specified using the PSD-
soft Express Configuration.
PSD Interface to a Multiplexed 8-Bit Bus. Fig-
ure 16 shows an example of a system using a
MCU with an 8-bit multiplexed bus and a PSD. The
ADIO port on the PSD is connected directly to the
MCU address/data bus. Address Strobe (ALE/AS,
PD0) latches the address signals internally.
Latched addresses can be brought out to Port A or
B. The PSD drives the ADIO data bus only when
one of its internal resources is accessed and Read
Strobe (RD, CNTL1) is active. Should the system
address bus exceed sixteen bits, Ports A, B, C, or
D may be used as additional address inputs.
Table 14. MCUs and their Control Signals
Note: 1. Unused CNTL2 pin can be configured as CPLD input. Other unused pins (PC7, PD0, PA3-0) can be configured for other I/O func-
tions.
2. ALE/AS input is optional for MCUs with a non-multiplexed bus
MCU
Data Bus
Width
CNTL0
CNTL1
CNTL2
PC7
PD02
ADIO0
PA3-PA0
PA7-PA3
8031
8
WR
RD
PSEN
(Note 1) ALE
A0
(Note 1)
(Note 1)
80C51XA
8
WR
RD
PSEN
(Note 1) ALE
A4
A3-A0
(Note 1)
80C251
8
WR
PSEN
(Note 1) (Note 1) ALE
A0
(Note 1)
(Note 1)
80C251
8
WR
RD
PSEN
(Note 1) ALE
A0
(Note 1)
(Note 1)
80198
8
WR
RD
(Note 1) (Note 1) ALE
A0
(Note 1)
(Note 1)
68HC11
8
R/W
E
(Note 1) (Note 1) AS
A0
(Note 1)
(Note 1)
68HC912
8
R/W
E
(Note 1) DBE
AS
A0
(Note 1)
(Note 1)
Z80
8
WR
RD
(Note 1) (Note 1) (Note 1) A0
D3-D0
D7-D4
Z8
8
R/W
DS
(Note 1) (Note 1) AS
A0
(Note 1)
(Note 1)
68330
8
R/W
DS
(Note 1) (Note 1) AS
A0
(Note 1)
(Note 1)
M37702M2
8
R/W
E
(Note 1) (Note 1) ALE
A0
D3-D0
D7-D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com