Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD1424 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1424
Description  RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1424 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1424 Datasheet HTML 1Page - STMicroelectronics SD1424 Datasheet HTML 2Page - STMicroelectronics SD1424 Datasheet HTML 3Page - STMicroelectronics SD1424 Datasheet HTML 4Page - STMicroelectronics SD1424 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1, C2,
C3
: 0.8 - 8pF Variable Capacitors
C4, C5,
C6, C7 : 62pF
C8
: 22
µF
C9
: 180pF
C10
: 47
µF, 63V
C11
: 180pF
C12
: 10
µF, 63V
D1, D2 : SD1423 Devices
L1, L2 : #22 AWG with Ferrite Core
L3
: 4 Turns, #22 AWG
L4
: 2 Turns, #22 AWG
L5
: 5 Turns, #22 AWG
T1, T2 :
λ /4 Transformers
Material:
Epsilam 10, Er
= 10.5, Height = .050”
TEST CIRCUIT
SD1424
4/5 rev. 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com