Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LG-M676 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LG-M676
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-M676 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LG-M676 Datasheet HTML 1Page - ams-OSRAM AG LG-M676 Datasheet HTML 2Page - ams-OSRAM AG LG-M676 Datasheet HTML 3Page - ams-OSRAM AG LG-M676 Datasheet HTML 4Page - ams-OSRAM AG LG-M676 Datasheet HTML 5Page - ams-OSRAM AG LG-M676 Datasheet HTML 6Page - ams-OSRAM AG LG-M676 Datasheet HTML 7Page - ams-OSRAM AG LG-M676 Datasheet HTML 8Page - ams-OSRAM AG LG-M676 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LG M676
1 Version 1.4 | 2019-07-16
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LG M676
Mini TOPLED®
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Interior Illumination (e.g. Ambient Map)
—
White Goods
Features:
—
Package: white SMT package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 570 nm (● green)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LG-M676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-M676 OSRAM-LG-M676 Datasheet
502Kb / 20P
white SMT package, colorless clear resin
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
More results

Similar Description - LG-M676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com