Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD1458 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1458
Description  RF & MICROWAVE TRANSISTORS TVLINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1458 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1458 Datasheet HTML 1Page - STMicroelectronics SD1458 Datasheet HTML 2Page - STMicroelectronics SD1458 Datasheet HTML 3Page - STMicroelectronics SD1458 Datasheet HTML 4Page - STMicroelectronics SD1458 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TV\LINEAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.500 6LFL (M111)
epoxy sealed
.
170 - 230 MHz
.
28 VOLTS
.
IMD
−55 dB
.
COMMON EMITTER
.
GOLD METALLIZATION
.
INTERNAL INPUT MATCHING
.
HIGH SATURATED POWER CAPABILITY
.
DESIGNED FOR HIGH POWER LINEAR
OPERATION
.
POUT
= 14 W MIN. WITH 14.0 dB GAIN
DESCRIPTION
The SD1458 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors for high linearity Class A operation in
VHF and band III television transmitters and trans-
posers.
PIN CONNECTION
BRANDING
SD1458
ORDER CODE
SD1458
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
35
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
140
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.5
°C/W
SD1458
1. Collector
3. Emitter
2. Base
4. Emitter
THERMAL DATA
November 1992
1/5


Similar Part No. - SD1458

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SD1450 PANASONIC-SD1450 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
logo
STMicroelectronics
SD1455 STMICROELECTRONICS-SD1455 Datasheet
53Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Jul-1993
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Semiconductor
SD1456 ASI-SD1456 Datasheet
38Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
SD1457 STMICROELECTRONICS-SD1457 Datasheet
61Kb / 5P
RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
Nov-1992
More results

Similar Description - SD1458

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1449 STMICROELECTRONICS-SD1449 Datasheet
106Kb / 4P
RF & MICROWAVE TRANSISTORS UHF TVLINEAR APPLICATIONS
27-Jul-1994
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com