Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWC86AC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AWC86AC
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AWC86AC Datasheet HTML 1Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 2Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 3Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 4Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86AC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Advanced Web Communication
(5)
Slim-Link® Server
16
DIO6
All
This pin provides access to Programmable Input/Output 24 from the AMD186
controller.
17
DIO7
All
This pin provides access to Programmable Input/Output 25 from the AMD186
controller.
18
DIO8(INT2)
All
This pin provides access to Programmable Input/Output 31 from the AMD186
controller. It also provides the input for Interrupt Request 2 to the Slim-Link®
Server.
19
DIO9(INT4)
All
This pin provides access to Programmable Input/Output 30 from the AMD186
controller. It also provides the input for Interrupt Request 4 to the Slim-Link®
Server.
20
NMI
All
This input provides access to the non-maskable interrupt to the microcontroller.
This is the highest priority interrupt available on the Slim-Link® Server
21
INT1
All
INT1 provides the input for Interrupt Request 1 to the to the microcontroller.
22
INT3
All
INT3 provides the input for Interrupt Request 3 to the to the microcontroller.
23
CLKOUT
AWC86
This output provides the clock signal for the rest of the embedded control system
in the AWC86. Depending upon the value set in the System Configuration
Register of the AMD186 controller CLKOUT can be at 40 MHz, at the Power-
Save frequency, or may be tri-stated. The Power-Save frequency is programmable
from 1/2 (20 MHz) to 1/128 (312.5 KHz) of the system clock
VREF
AWC86A
This input provides the reference voltage for the Slim-Link® Server analog inputs.
VREF should not exceed VCC by more than 50 millivolts.
24
RESETOUT
AWC86
This output provides an active high reset pulse for the complete embedded
control system. The duration of the reset pulse is typically 13 milliseconds. The
reset pulse is sent each time power is applied to the AWC86 or the /RESET
signal is driven low.
V.BAT
AWC86A
This input the battery backup voltage for the AWC86A Real-Time Clock. A
minimum of two volts must be maintained on VCC1 to maintain the Real-Time
Clock.
25
/RESET
ALL
This input allows an the Slim-Link® Server to be reset from an external source.
Reset must be held low for a minimum of one millisecond to initiate a Slim-Link
Server reset.
26
DGND
ALL
DGND provides the reference ground for the Slim-Link® Server’s Digital I/O
signals.
27
GND
AWC86
This signal provides the reference ground for the AWC86 I/O signals.
AGND
AWC86A
This signal provides the reference ground for the AWC86A Analog I/O signals.
Pin
Signal
Model
Description
Slim-Link® Server Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com