Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWC86AS Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AWC86AS
Description  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86AS Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AWC86AS Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 13Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 14Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 15Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 16Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 17Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 18Page - List of Unclassifed Manufacturers AWC86AS Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Advanced Web Communication
(16)
Slim-Link® Server
Command
Format
Description
?
?
Causes the Slim-Link® Server to list the operating system commands
Adduser
ADD<cr>
Allows the Root user to create a new user account
ARP
ARP<cr>
Causes the Slim-Link® Server to list the last 10 IP and Ethernet addresses
Buffer
BUF<cr>
Checks the data bufer usage and permits selective clearing of the data buffer.
This command can only be executed by the Root user.
Deluser
DEL<cr>
Allows the Root user to delete an existing user account
Dir
DIR<cr>
Causes the Slim-Link® Server to list all of the files in both SRAM and Flash
memory. It also shows the total amount of memory used for these files.
Erase
ERA[file]<cr>
Marks the listed file as erased although the file remains resident in Flash
Memory until the memory sector is erased. This command can only be executed
by the Root user.
Exit
EXI<cr>
Causes the Slim-Link® Server to exit operating system and return to the XE186
Monitor.
Host
HOS<cr>
Causes the Slim-Link® Server to list the latest IP host sites visited
Level
LEV<cr>
Allows the Root user to check command security levels and make alterations
as required.
Login
LOG<cr>
Allows a user to log into the system
Password
PAS<cr>
Allows the user to change their password. A Root user may change any
users password.
Ping
PIN [IP Address] <cr>
Causes the Slim-Link® Server to send out a test call to the listed IP Address
and report on the successful response.
PPP
PPP<cr>
In the PPP Client Edition this command causes the Slim-Link® Server to
display the loaded ISP parameters.
Reboot
REB<cr>
Allows the Root user to initialize a system reboot.
Resume
RES[priority]<cr>
Allows the Root user to resume a suspended task.
SetIP
SET<cr>
Allows the user to read, and if desired change, the Slim-Link® Server’s IP
configuration.
Shutdown
SHU<cr>
Initiate a shutdown of MicroRTOS. This command can only be executed by
a Root user from Console_A.
Status
STA<cr>
Causes the Slim-Link® Server to report on the status of the operating system,
HTTP Server, and Serial Ports.
Stop
STO[priority]<cr>
Allows the Root user to Suspend the the listed task.
Task
TAS<cr>
Causes the Slim-Link® Server to list the tasks currently in memory. The list
includes the assigned priority and size of each task.
Telnet
Tel[on/off]<cr>
Allows the Root User to select or deselect the Telnet Server Function.
Time
TIM<cr>
Causes the Slim-Link® Server to report the date and time stored in the on
board real-time clock and permits the user to set a new date and time. This
command is only supported by the AWC86A module.
User
USE<cr>
Displays the user list and allows the Root user to change user priority levels.
Version
VER<cr>
Displays the MicroRTOS Version level
Web
WEB[ON/OFF/Status]<cr>
Controls the Web Server status of the Slim-Link® Server. This command can
only be executed by a Root user
<TAB>
<tab>
Striking the TAB key causes the Slim-Link® Server to re-execute the last
operating system command.
MicroRTOS™ COMMANDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com