Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11BGF0910D024 Datasheet(PDF) 2 Page - LOVATO Electric S.p.A.

Part # 11BGF0910D024
Description  THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 1NO AUXILIARY CONTACT, FASTON TERMINALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

11BGF0910D024 Datasheet(HTML) 2 Page - LOVATO Electric S.p.A.

  11BGF0910D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. 11BGF0910D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. 11BGF0910D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. 11BGF0910D024 Datasheet HTML 4Page - LOVATO Electric S.p.A. 11BGF0910D024 Datasheet HTML 5Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
220V
A
2
IEC max current Ie in DC1 with L/R ≤ 1ms with 4 poles in series
≤24V
A
16
48V
A
16
75V
A
10
110V
A
10
220V
A
2
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 1 poles in series
≤24V
A
7
48V
A
6
75V
A
2
110V
A
1
220V
A
–
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 2 poles in series
≤24V
A
8
48V
A
8
75V
A
5
110V
A
4
220V
A
–
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 3 poles in series
≤24V
A
10
48V
A
10
75V
A
6
110V
A
5
220V
A
0,8
IEC max current Ie in DC3-DC5 with L/R ≤ 15ms with 4 poles in series
≤24V
A
10
48V
A
10
75V
A
6
110V
A
5
220V
A
0,8
Short-time allowable current for 10s (IEC/EN60947-1)
A
96
Protection fuse
gG (IEC)
A
20
aM (IEC)
A
10
Making capacity (RMS value)
A
92
Breaking capacity at voltage
440V
A
72
500V
A
72
690V
A
72
Resistance per pole (average value)
mΩ
10
Power dissipation per pole (average value)
Ith
W
4
AC-3
W
0.81
Conductor section
AWG/Kcmil
max
12
Mechanical features
Operating position
normal
Vertical plan
allowable
±30°
Fixing
Screw / DIN rail
35mm
11BGF0910D024
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, DC COIL, 24VDC, 1NO
AUXILIARY CONTACT, FASTON TERMINALS
11BGF0910D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com