Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR-G6SP-01 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LR-G6SP-01
Description  Advanced Power TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-G6SP-01 Datasheet(HTML) 5 Page - ams-OSRAM AG

  LR-G6SP-01 Datasheet HTML 1Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 2Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 3Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 4Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 5Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 6Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 7Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 8Page - ams-OSRAM AG LR-G6SP-01 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LR G6SP.01
5 Version 1.2 | 2020-06-15
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 140 mA
I
F = 140 mA
I
F = 140 mA
min.
max.
typ.
I
v
I
v
Φ
V
6D
5.0 cd
5.6 cd
15.9 lm
7D
5.6 cd
6.3 cd
17.8 lm
8D
6.3 cd
7.1 cd
20.1 lm
5E
7.1 cd
8.0 cd
22.7 lm
6E
8.0 cd
9.0 cd
25.5 lm
7E
9.0 cd
10.0 cd
28.5 lm
Forward Voltage Groups
Group
Forward Voltage 5)
Forward Voltage 5)
I
F = 140 mA
I
F = 140 mA
min.
max.
V
F
V
F
G3
1.90 V
2.05 V
K3
2.05 V
2.20 V
N3
2.20 V
2.35 V
R3
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 4)
Dominant Wavelength 4)
I
F = 140 mA
I
F = 140 mA
min.
max.
λ
dom
λ
dom
4
620 nm
624 nm
5
624 nm
627 nm
6
627 nm
630 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com