Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1404P Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments CC1404P Datasheet HTML 40Page - Texas Instruments CC1404P Datasheet HTML 41Page - Texas Instruments CC1404P Datasheet HTML 42Page - Texas Instruments CC1404P Datasheet HTML 43Page - Texas Instruments CC1404P Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Code Composer Studio™ Cloud IDE
Code Composer Studio (CCS) Cloud is a web-based IDE that allows you to create, edit, and build CCS and
Energia™ projects. After you have successfully built your project, you can download and run on your connected
LaunchPad. Basic debugging, including features like setting breakpoints and viewing variable values, is now
supported with CCS Cloud.
IAR Embedded Workbench® for Arm®
IAR Embedded Workbench® is a set of development tools for building and debugging embedded system
applications using assembler, C, and C++. It provides a completely integrated development environment that
includes a project manager, editor, and build tools. IAR supports all SimpleLink Wireless MCUs. It offers
broad debugger support, including XDS110, IAR I-jet™, and Segger J-Link™. A real-time object viewer plugin
is available for TI-RTOS, part of the SimpleLink SDK. IAR is also supported out of the box on most software
examples provided as part of the SimpleLink SDK.
A 30-day evaluation or a 32KB size-limited version is available through iar.com.
SmartRF™ Studio
SmartRF™ Studio is a Windows® application that can be used to evaluate and configure SimpleLink Wireless
MCUs from Texas Instruments. The application helps designers of RF systems to easily evaluate the radio at an
early stage in the design process. It is especially useful for generating configuration register values and practical
testing and debugging of the RF system. SmartRF Studio can be used either as a standalone application or with
applicable evaluation boards or debug probes for the RF device. Features of the SmartRF Studio include:
• Link tests—send and receive packets between nodes
• Antenna and radiation tests—set the radio in continuous wave TX and RX states
• Export radio configuration code for use with the TI SimpleLink SDK RF driver
• Custom GPIO configuration for signaling and control of external switches
9.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.4 Documentation Support
To receive notification of documentation updates on data sheets, errata, application notes and similar, navigate
to the device product folder on . In the upper right corner, click on Alert me to register and receive a weekly
digest of any product information that has changed. For change details, review the revision history included in
any revised document.
The current documentation that describes the MCU, related peripherals, and other technical collateral is listed as
follows.
TI Resource Explorer
TI Resource Explorer Software examples, libraries, executables, and documentation are available for your
device and development board.
Errata—The silicon errata describes the known exceptions to the functional specifications for each silicon
revision of the device and description on how to recognize a device revision.
Application Reports—All application reports for the CC1404P device are found on the device product folder at
ti.com/product/CC1404P/technicaldocuments.
SDK Documentation—The CC1404P SimpleLink™ Wireless SDK documentation is included in the SDK as part
of the software documentation.
CC1404P
SWRS300 – SEPTEMBER 2026
www.ti.com
40
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com