Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCM1885C2A4R9DA16 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd

Part # GCM1885C2A4R9DA16
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GCM1885C2A4R9DA16 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd

Back Button GCM1885C2A4R9DA16 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GCM1885C2A4R9DA16 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
■ Package(Tape Carrier Packaging)
1. Minimum Quantity(pcs./reel)
8
2. Dimensions of Tape (in mm)
(1)GCM18(W8P4 CODE:D/J)
8
(2)GCM18(W8P2 CODE:V/W)
8
2.0+/-0.05
2.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
1.15 max.
1.05+/-0.10
1.85+/-0.10
8.0+/-0.3
3.5+/-0.05
1.75+/-0.1
L
W
T
GCM18
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
2.0+/-0.1
4.0+/-0.1
φ1.5+0.1/-0
1.15 max.
Type
Dimensions(Chip)
A
B
C
D
E
F
G
H
J
K
1.85+/-0.10
8.0+/-0.3
3.5+/-0.05
1.75+/-0.1
4.0+/-0.1
GCM18
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
1.05+/-0.10
J
K
L
W
T
D
E
F
G
H
Type
Dimensions(Chip)
A
B
C
GCM18
4000
8000
10000
30000
Type
φ180mm Reel(W8P4)
φ180mm Reel(W8P2)
φ330mm Reel(W8P4)
φ330mm Reel(W8P2)
PAPER Tape
PAPER Tape
PAPER Tape
PAPER Tape
CODE:D
CODE:W
CODE:J
CODE:V
GCM1885C2A4R9DA16-01A
 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com