Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCCOG128064C6W-FPTLW
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
N/A
Pin layout
Pin
Symbol
Description
Remarks
1
/CS1B
This is the chip select signal.
2
/RES
Res = L Settings are Initialised.
3
A0
Address Bus. Determines whether data bits are data or
command.
4
/WR(R/W)
Data Bus latched at rising edge of WR Signal.
5
/RD(E)
When signal = L, Data Bus in output status.
6~13
D0~D7
8 bit bi-directional data bus, connects to 8 or 16 bit MPU
Data Bus.
14
VDD
Power Supply
15
VSS
Ground
16
VOUT
DC/DC Converter. Capacitor between this terminal and
VSS/VDD.
17
CAP3P
DC/DC Converter. Capacitor between this terminal and
CAP1N terminal.
18
CAP1N
DC/DC Converter. Capacitor between this terminal and
CAP1P terminal.
19
CAP1P
DC/DC Converter. Capacitor between this terminal and
CAP1N terminal.
20
CAP2P
DC/DC Converter. Capacitor between this terminal and
CAP2N terminal.
21
CAP2N
DC/DC Converter. Capacitor between this terminal and
CAP2P terminal.
22~26
V4~V0
Multi-level power supply for LC drive.
27
VR
Output Voltage Regulator Terminal, provides voltage for VSS
and V0 through resistive voltage divider.
28
C86
MPU interface switch terminal.
29
P/S
Parallel Data Input/Serial data switch terminal.
30
NC
No Connection.
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com