Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR176 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SR176_07 Datasheet HTML 24Page - STMicroelectronics SR176_07 Datasheet HTML 25Page - STMicroelectronics SR176_07 Datasheet HTML 26Page - STMicroelectronics SR176_07 Datasheet HTML 27Page - STMicroelectronics SR176_07 Datasheet HTML 28Page - STMicroelectronics SR176_07 Datasheet HTML 29Page - STMicroelectronics SR176_07 Datasheet HTML 30Page - STMicroelectronics SR176_07 Datasheet HTML 31Page - STMicroelectronics SR176_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
DC and ac parameters
SR176
28/35
Figure 43.
ASK modulated signal from the Reader to the contactless device
Figure 44.
Frame transmission between the Reader and the contactless device
Figure 45.
Data jitter on the frame transmitted by the Reader in ASK
AI09061B
fCC
tMIN CD
tRFR
tRFF
A
B
tRFSBL
AI09786
tDR
tDR
tDA
tDA
tDA
t1
t0
EOF
DATA
SOF
DATA
CRC
Frame Transmitted by the Reader in ASK
Frame Transmitted by the SR176
in BPSK
847.5kHz
0
1
0
1
0
11
0
11
START
0
AI09787
tJIT
tJIT
tJIT
tJIT
tJIT
tRFSBL
tRFSBL
tRFSBL
tRFSBL
tRFSBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com