| Electronic Components Datasheet Search |
|
TSM1052 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1052 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 15 page ![]() February 2008 Rev 2 1/15 15 TSM1052 Constant voltage and constant current controller for battery chargers and adapters Features ■ Secondary-side constant voltage and constant current control ■ Very low voltage operation ■ Very low quiescent consumption ■ High-accuracy internal reference ■ Low external component count ■ Wired-or open-drain output stage ■ Easy frequency compensation ■ SOT23-6 micro package Applications ■ Battery chargers ■ AC DC adapters Description The TSM1052 is a highly integrated solution for SMPS applications requiring a dual control loop to perform CV (constant voltage) and CC (constant current) regulation. The TSM1052 integrates a voltage reference, two op amps (with OR-ed open-drain outputs), and a low-side current sensing circuit. The voltage reference, along with one op amp, is the core of the voltage control loop; the current sensing circuit and the other op amp make up the current control loop. The external components needed to complete the two control loops are: ■ A resistor divider that senses the output of the power supply (adapter, battery charger) and fixes the voltage regulation set point at the specified value; ■ A sense resistor that feeds the current sensing circuit with a voltage proportional to the dc output current; this resistor determines the current regulation set point and must be adequately rated in terms of power dissipation; ■ Frequency compensation components (RC networks) for both loops. The TSM1052, housed in one of the smallest package available, is ideal for space-shrunk applications such as adapters and chargers. SOT23-6 www.st.com Table 1. Device summary Part number Package Packaging TSM1052 SOT23-6 Tape and reel |
Similar Part No. - TSM1052 |
|
Similar Description - TSM1052 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |