Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT Q99G.01-R2T1-25-1 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LT Q99G.01-R2T1-25-1
Description  Chip LED 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT Q99G.01-R2T1-25-1 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LT Q99G.01-R2T1-25-1 Datasheet HTML 14Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 15Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 16Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 17Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 18Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 19Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 20Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 21Page - ams-OSRAM AG LT Q99G.01-R2T1-25-1 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LT Q99G.01
DATASHEET
DATASHEET
18 | Version 1.3 | 2025-07-29
Type Designation System
L
B
Q
9
9
G
.
0
1
Chip Technology
G:
InGaN
6:
InGaAlP
Wavelength
Emission Color
Color coordinates according
(λ
dom typ.)
CIE 1931/Emission color:
B:
468 nm
Blue
W:
Cxy 0.30/0.29 White
T:
528 nm
True green
G:
573 nm
Yellow Green
Y:
589 nm
Yellow
O:
605 nm
Orange
R:
623 nm
Red
S:
633 nm
Super red
Package Type
Q:
Chip LED 0603/0402
Product Version Digit 2
0-9: Count
Product Version Digit 1
0-9: Count
Lead / Package Properties
9: Chip LED
Standard
Encapsulant Type / Lens Properties
9:
Clear resin
8:
White volume conversion
7:
Clear resin
L: Light
Emitting
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com