| Electronic Components Datasheet Search |
|
LT T67D-R2S2-46-L6Z6-1.5 Datasheet(PDF) 21 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
LT T67D-R2S2-46-L6Z6-1.5 Datasheet(HTML) 21 Page - ams-OSRAM AG |
|
21 / 23 page ![]() LT T67D DATASHEET DATASHEET 21 | Version 1.1 | 2023-02-13 Glossary 1) Brightness: Brightness values are measured during a current pulse of typically 25 ms, with an internal reproducibility of ±8 % and an expanded uncertainty of ±11 % (acc. to GUM with a coverage factor of k = 3). 2) Reverse Operation: This product is intended to be operated applying a forward current within the specified range. Applying any continuous reverse bias or forward bias below the voltage range of light emission shall be avoided because it may cause migration which can change the electro-optical char- acteristics or damage the LED. 3) Wavelength: The wavelength is measured at a current pulse of typically 25 ms, with an internal repro- ducibility of ±0.5 nm and an expanded uncertainty of ±1 nm (acc. to GUM with a coverage factor of k = 3). 4) Forward Voltage: The forward voltage is measured during a current pulse of typically 8 ms, with an internal reproducibility of ±0.05 V and an expanded uncertainty of ±0.1 V (acc. to GUM with a coverage factor of k = 3). 5) Thermal Resistance: Rth max is based on statistic values (6σ). 6) Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic- es, the typical data or calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters of each single product, which could dif- fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. 7) Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ- ences between single devices within one packing unit. 8) Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and dimensions are specified in mm. 9) Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |